Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD1002 Datasheet(PDF) 40 Page - Microchip Technology

Part # UPD1002
Description  USB Power Delivery Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD1002 Datasheet(HTML) 40 Page - Microchip Technology

Back Button UPD1002 Datasheet HTML 36Page - Microchip Technology UPD1002 Datasheet HTML 37Page - Microchip Technology UPD1002 Datasheet HTML 38Page - Microchip Technology UPD1002 Datasheet HTML 39Page - Microchip Technology UPD1002 Datasheet HTML 40Page - Microchip Technology UPD1002 Datasheet HTML 41Page - Microchip Technology UPD1002 Datasheet HTML 42Page - Microchip Technology UPD1002 Datasheet HTML 43Page - Microchip Technology UPD1002 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
UPD1002
DS00001760B-page 40
 2014 Microchip Technology Inc.
4.5.2
SPI ROM CONTROLLER TIMING
The following specifies the SPI ROM Controller timing requirements for the device.
4.5.3
USB POWER DELIVERY SIGNAL TIMING
All USB Power Delivery signals (PD_DATA, PD_ID) conform to the voltage, power, and timing characteristics/specifica-
tions as set forth in the USB Power Delivery Specification. Please refer to the USB Power Delivery Specification, avail-
able at http://www.usb.org.
FIGURE 4-3:
SPI ROM CONTROLLER TIMING
TABLE 4-4:
SPI ROM CONTROLLER TIMING VALUES
Symbol
Description
Min
Typ
Max
Units
tfc
Clock frequency
46.86
48
48.62
MHz
tceh
Chip enable (SPI_ROM_CE_EN) high time
50
ns
tclq
Clock to input data
15
ns
tdh
Input data hold time
0.70
3
4.52
ns
tos
Output setup time
5.35
7
8.28
ns
toh
Output hold time
11.57
13
15.22
ns
tov
Clock to output valid
1.16
2
3.3
ns
tcel
Chip enable (SPI_ROM_CE_EN) low to first clock
12
ns
tceh
Last clock to chip enable (SPI_ROM_CE_EN) high
12
ns
SPI_ROM_CLK
SPI_ROM_DI
SPI_ROM_DO
SPI_ROM_CE_N
tcel
tfc
tclq
tceh
tdh
toh
tos
tov
toh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com