Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD1002 Datasheet(PDF) 44 Page - Microchip Technology

Part # UPD1002
Description  USB Power Delivery Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD1002 Datasheet(HTML) 44 Page - Microchip Technology

Back Button UPD1002 Datasheet HTML 38Page - Microchip Technology UPD1002 Datasheet HTML 39Page - Microchip Technology UPD1002 Datasheet HTML 40Page - Microchip Technology UPD1002 Datasheet HTML 41Page - Microchip Technology UPD1002 Datasheet HTML 42Page - Microchip Technology UPD1002 Datasheet HTML 43Page - Microchip Technology UPD1002 Datasheet HTML 44Page - Microchip Technology UPD1002 Datasheet HTML 45Page - Microchip Technology UPD1002 Datasheet HTML 46Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
UPD1002
DS00001760B-page 44
 2014 Microchip Technology Inc.
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
UPD1002
Tape and Reel
Option:
Blank
= Standard packaging (tray)
T
= Tape and Reel(Note 1)
Temperature
Range:
A=
0
°C to +70°C
(Commercial)
AI
= -40
°C to +85°C
(Industrial)
Package:
MQ
=
32-pin SQFN
Examples:
a)
UPD1002-A/MQ
Tray, Commercial temp., 32-pin SQFN
b)
UPD1002T-AI/MQ
Tape & reel, Industrial temp., 32-pin SQFN
Note
1:
Tape and Reel identifier only appears in
the catalog part number description. This
identifier is used for ordering purposes and
is not printed on the device package.
Check with your Microchip Sales Office for
package availability with the Tape and Reel
option.
PART NO.
Device
Tape and Reel
Option
/
Temperature
Range
XX
[X]
XX
-
Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com