Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD1002 Datasheet(PDF) 19 Page - Microchip Technology

Part # UPD1002
Description  USB Power Delivery Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD1002 Datasheet(HTML) 19 Page - Microchip Technology

Back Button UPD1002 Datasheet HTML 15Page - Microchip Technology UPD1002 Datasheet HTML 16Page - Microchip Technology UPD1002 Datasheet HTML 17Page - Microchip Technology UPD1002 Datasheet HTML 18Page - Microchip Technology UPD1002 Datasheet HTML 19Page - Microchip Technology UPD1002 Datasheet HTML 20Page - Microchip Technology UPD1002 Datasheet HTML 21Page - Microchip Technology UPD1002 Datasheet HTML 22Page - Microchip Technology UPD1002 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
 2014 Microchip Technology Inc.
DS00001760B-page 19
UPD1002
Hub Power
Enable
HUB_PWR_EN
IS
This active high signal is driven by either the PCH of a
notebook or a downstream facing port (DFP) on a USB
hub. The hub or USB host may request the port to be
turned off by de-asserting this signal. Upon de-assertion,
if the device is NOT operating as a sink under a PD con-
tract, the device will de-assert the PD_EN signal to turn
off VBUS to the port, which will remain off until HUB_P-
WR_EN asserts again.
Note:
In the case that the port supports insertion
detect or has a micro-AB receptacle (which
must support plug detection), the HUB_P-
WR_EN signal is ignored unless there is a
STD-A or micro-A plug inserted.
Note:
This function is only available in specific
device configurations.
Port Power
Controller
Enable
PPC_PWR_EN
O8
This active high signal is used to enable an attached port
power controller. It should only be used in cases in which
the only source capability offered is 5 V.
Note:
In cases where the port power controller sup-
ports BC or other charging profiles, this single
signal will be enabling both power sourcing as
well as enabling the handshake emulation. BC
handshaking will occur before PD negotiation
and if in a headless/DCP charging mode, the
handshake will persist even after a PD negoti-
ation was completed successfully.
Note:
This function is only available in specific
device configurations.
System Reset
RESET_N
IS
(PU)
System reset. This signal is active low.
Test
TEST
IS
Test signal. This signal is used for internal purposes only
and must be connected to ground through a 1 K resistor
for normal operation.
No Connect
NC
-
No connect. For proper operation, this signal must not be
connected.
SPI ROM Interface
SPI ROM
Clock
SPI_ROM_CLK
O8
SPI clock output to the serial ROM
SPI ROM Chip
Enable
SPI_ROM_CE_N
O8
This is the active low SPI ROM chip enable output. If the
SPI ROM interface is enabled, this signal should be
pulled up to the SPI ROM Vcc rail.
SPI ROM Data
In
SPI_ROM_DI
IS
SPI ROM data in
TABLE 2-2:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com