Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD1002 Datasheet(PDF) 28 Page - Microchip Technology

Part # UPD1002
Description  USB Power Delivery Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD1002 Datasheet(HTML) 28 Page - Microchip Technology

Back Button UPD1002 Datasheet HTML 24Page - Microchip Technology UPD1002 Datasheet HTML 25Page - Microchip Technology UPD1002 Datasheet HTML 26Page - Microchip Technology UPD1002 Datasheet HTML 27Page - Microchip Technology UPD1002 Datasheet HTML 28Page - Microchip Technology UPD1002 Datasheet HTML 29Page - Microchip Technology UPD1002 Datasheet HTML 30Page - Microchip Technology UPD1002 Datasheet HTML 31Page - Microchip Technology UPD1002 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
UPD1002
DS00001760B-page 28
 2014 Microchip Technology Inc.
3.3.4.1
Power Delivery Provider Capabilities
The USB PD Provider capabilities may be selected via the CFG_SEL0 and CFG_SEL1 pins, as defined in Section 3.3,
"Configuration Selection (CFG_SEL0/CFG_SEL1)". Each of the PD Provider capabilities are detailed below. When
capabilities are combined, it is possible that a device can support two or more currents for the same voltage. In this case,
the device will only advertise one voltage with the highest current.
For example, a device that specifies support for “Profile 2 + 5V@3A” must support 5V@2A, 12V@1.5A and 5V@ 3A.
In this case, the device will advertise only two Power Data Objects (PDO): 5V@3A and 12V@1.5A. The device will not
explicitly advertise 5V@2A. However, a consumer that requires 5V@2A will request the 5V@ 3A PDO but only consume
2A.
VSafe5V-L (5V@1A)
The Provider Capability Profile for VSafe5V Legacy (5V@1A) indicates that the UPD1002 supports providing 5 V at 1 A.
This is typically used in dual-role ports that offer no real capability at 5 V (e.g., a Standard-B Consumer-Provider Monitor
UFP that only supports 20 V), but need to abide by the USB Power Delivery Specification requirement that at least one
VSafe5V PDO be offered. Therefore, the capabilities of a legacy USB port (max 900 mA for USB 3.0) are included.
Profile 1
The Provider Capability Profile 1 indicates that the UPD1002 supports providing the voltages and currents needed to
satisfy the USB PD profile 1, as defined by the USB Power Delivery Specification (5V@2A).
Profile 2
The Provider Capability Profile 2 indicates that the UPD1002 supports providing the voltages and currents needed to
satisfy the USB PD profile 2, as defined by the USB Power Delivery Specification (5V@2A and 12V@1.5A).
Profile 3
The Provider Capability Profile 3 indicates that the UPD1002 supports providing the voltages and currents needed to
satisfy the USB PD profile 3, as defined by the USB Power Delivery Specification (5V@2A and 12V@3A).
Profile 4
The Provider Capability Profile 4 indicates that the UPD1002 supports providing the voltages and currents needed to
satisfy the USB PD profile 4, as defined by the USB Power Delivery Specification (5V@2A, 12V@3A, and 20V@3A).
Profile 5
The Provider Capability Profile 5 indicates that the UPD1002 supports providing the voltages and currents needed to
satisfy the USB PD profile 5, as defined by the USB Power Delivery Specification (5V@2A, 12V@5A, and 20V@5A).
12V@1.5A
The Provider Capability 12V@1.5A indicates that the UPD1002 supports providing 12 V at 1.5 A. This option can be
combined with other provider capability options.
12V@3A
The Provider Capability 12V@3A indicates that the UPD1002 supports providing 12 V at 3 A. This option can be com-
bined with other provider capability options.
12V@5A
The Provider Capability 12V@5A indicates that the UPD1002 supports providing 12 V at 5 A. This option can be com-
bined with other provider capability options.
20V@3A
The Provider Capability 20V@3A indicates that the UPD1002 supports providing 20 V at 3 A. This option can be com-
bined with other provider capability options.
20V@5A
The Provider Capability 20V@5A indicates that the UPD1002 supports providing 20 V at 5 A. This option can be com-
bined with other provider capability options.
Peak Power-Capable Setting 0b11 - 200% (PP-200)
The Peak Power-Capable 200% indicates that the UPD1002 supports providing 200% of the current limit for a 1 ms time
duration at 5% duty cycle. This will add the correct 0b11 bits to the PDO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com