Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD1002 Datasheet(PDF) 26 Page - Microchip Technology

Part # UPD1002
Description  USB Power Delivery Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD1002 Datasheet(HTML) 26 Page - Microchip Technology

Back Button UPD1002 Datasheet HTML 22Page - Microchip Technology UPD1002 Datasheet HTML 23Page - Microchip Technology UPD1002 Datasheet HTML 24Page - Microchip Technology UPD1002 Datasheet HTML 25Page - Microchip Technology UPD1002 Datasheet HTML 26Page - Microchip Technology UPD1002 Datasheet HTML 27Page - Microchip Technology UPD1002 Datasheet HTML 28Page - Microchip Technology UPD1002 Datasheet HTML 29Page - Microchip Technology UPD1002 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
UPD1002
DS00001760B-page 26
 2014 Microchip Technology Inc.
3.3.2
PIN CONFIGURATION
The UPD1002 32-SQFN package provides selectable pin configurations via the CFG_SEL0 and CFG_SEL1 pins, as
defined in Table 3-3, "32-SQFN CFG_SELx Configuration Assignments". Table 1-1, "UPD1002 Package/Pin Configura-
tion Summary" provides a summary of the available pin configurations . Refer to Section 2.1, "32-Pin SQFN (32-SQFN)"
for details on the package pin definitions.
3.3.3
RECEPTACLE TYPE
The USB receptacle type is configurable between Standard-A, Standard-B, and Micro-AB types via the CFG_SEL0 and
CFG_SEL1 pins, as defined in Section 3.3, "Configuration Selection (CFG_SEL0/CFG_SEL1)". Each of these recepta-
cle type settings is detailed below.
3.3.3.1
Standard-A (STD-A)
The Standard-A setting informs the device that the designer is utilizing a Standard-A USB PD receptacle.
3.3.3.2
Standard-B (STD-B)
The Standard-B setting informs the device that the designer is utilizing a Standard-B USB PD receptacle.
3.3.3.3
Micro-AB (uAB)
The Micro-AB setting informs the device that the designer is utilizing a Micro-AB USB PD receptacle.
3.3.4
USB POWER DELIVERY ROLE SELECTION
The Power Delivery Provider and Consumer capabilities are detailed in the following sub-sections. Depending on the
pin configuration selected, the device may support and swap Consumer and Provider roles. The swapping rules for each
configuration are defined as follows:
Note:
For summary of all device pinouts and their associated Power Delivery capabilities, refer to Table 1-1,
"UPD1002 Package/Pin Configuration Summary".
Downstream Facing Port (DFP) Provider Configurations (32-P_A)
DFP Provider (STD-A receptacle) configurations only support the Provider role and therefore do not support role swap.
Upstream Facing Port (UFP) Consumer/Provider Configurations (32-CP_B)
UFP Consumer/Provider (STD-B receptacle) configurations start operation in their default role of consumers and sup-
port role swapping. Swapping rules for UFP Consumer/Provider configurations are defined as follows:
• When operating as a Consumer:
- Upon starting up, the UFP automatically initiates a swap request to its partner to become a Provider. If the
partner rejects the request, the UFP will remain in its Consumer role until the partner requests a swap.
- If the device receives a swap request from its partner to become a Consumer, it automatically accepts it.
25
Provider/Consumer 32-PC_uAB
uAB
12V@1.5A
VSafe5V-L
N/A
N/A
N/A
2
3
26
12V@3A
VSafe5V-L
N/A
N/A
N/A
2
4
27
12V@3A
Profile 1
N/A
N/A
N/A
2
5
28
12V@3A
Profile 1, PP-200
N/A
N/A
N/A
2
6
29
20V@3A
Profile 1
N/A
N/A
N/A
2
7
30
20V@3A
Profile 1, PP-200
N/A
N/A
N/A
2
8
TABLE 3-3:
32-SQFN CFG_SELX CONFIGURATION ASSIGNMENTS (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com