Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD1002 Datasheet(PDF) 12 Page - Microchip Technology

Part # UPD1002
Description  USB Power Delivery Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD1002 Datasheet(HTML) 12 Page - Microchip Technology

Back Button UPD1002 Datasheet HTML 8Page - Microchip Technology UPD1002 Datasheet HTML 9Page - Microchip Technology UPD1002 Datasheet HTML 10Page - Microchip Technology UPD1002 Datasheet HTML 11Page - Microchip Technology UPD1002 Datasheet HTML 12Page - Microchip Technology UPD1002 Datasheet HTML 13Page - Microchip Technology UPD1002 Datasheet HTML 14Page - Microchip Technology UPD1002 Datasheet HTML 15Page - Microchip Technology UPD1002 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
UPD1002
DS00001760B-page 12
 2014 Microchip Technology Inc.
FIGURE 2-4:
CONFIGURATION 32-PC_A SYSTEM-LEVEL DIAGRAM
Microchip
UPD1002
32-SQFN
Configuration
32-PC_A
SPI_ROM_CLK
SPI_ROM_DI
SPI_ROM_DO
SPI_ROM_CE_N
VSS
CFG_SEL0
VDDIO
CFG_SEL1
VDDIO
VDDIO
VMON
IMON
CSA
PD_DETECT 1
PD_ID
VBUS
Couple/Filter
PD_DATA
PD_DETECT
INSERTION_DETECT
INSERTION_DETECT 2
INSERTION_DETECT 1
SHIELD
35.7k
5.1k
HUB_PWR_EN
5V
VBUS
VBUS_DISCHARGE
Port
Power
Controller
PPC_PWR_EN
FAULT_IN_N
Battery Charger
Battery
USB Hub
with BC1.2
GND
USB
Power
Delivery
Enabled
Standard-A
Receptacle
D+
D-
Filter
Cap
Bank
PD_GOOD
FAULT_IN_N
EXT_PWR_DET
Standard
20V AC
Adapter
Rsense
System Power
VDDIO
FAULT_N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com