Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD1002 Datasheet(PDF) 32 Page - Microchip Technology

Part # UPD1002
Description  USB Power Delivery Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD1002 Datasheet(HTML) 32 Page - Microchip Technology

Back Button UPD1002 Datasheet HTML 28Page - Microchip Technology UPD1002 Datasheet HTML 29Page - Microchip Technology UPD1002 Datasheet HTML 30Page - Microchip Technology UPD1002 Datasheet HTML 31Page - Microchip Technology UPD1002 Datasheet HTML 32Page - Microchip Technology UPD1002 Datasheet HTML 33Page - Microchip Technology UPD1002 Datasheet HTML 34Page - Microchip Technology UPD1002 Datasheet HTML 35Page - Microchip Technology UPD1002 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
UPD1002
DS00001760B-page 32
 2014 Microchip Technology Inc.
3.5.2
OPERATION OF THE DUAL HI-SPEED READ SEQUENCE
The SPI controller also supports dual data mode (at 30 MHz SPI speed only). When configured in dual mode, the SPI
controller will automatically handle reads going out to the SPI ROM. When the controller detects a read, the controller
drops the SPI_ROM_CE_N, and puts out a 0x3B, followed by the 24-bit address. The SPI controller then puts out a
DUMMY byte. The next four clocks clock in the first byte. The data appears two bits at a time on data out and data in.
When the first byte is clocked in a ready signal is sent back to the processor, and the processor gets one byte.
After the processor gets the first byte, the address will change. If the address is one more than the last address, the SPI
controller will clock out one more byte. If the address in anything other than one more than the last address, the SPI
controller will terminate the transaction by taking SPI_ROM_CE_N high. As long as the addresses are sequential, the
SPI Controller will keep clocking in data.
FIGURE 3-3:
SPI ROM HI-SPEED READ SEQUENCE
FIGURE 3-4:
SPI ROM DUAL HI-SPEED READ OPERATION
SPI_ROM_CE_N
SPI_ROM_CLK
SPI_ROM_DO
SPI_ROM_DI
8
0B
MSB
HIGH IMPEDANCE
15 16
12 3 4
05
7
6
DOUT
ADD.
23 24
ADD.
ADD.
X
39 40
31 32
47 48
55 56
63 64
71 72
80
DOUT
N
N+1
DOUT
N+2
DOUT
N+3
DOUT
N+4
MSB
MSB
SPI
CONTROLLER
SPI
ROM
2-Serial to
8-Parallel
CE#
CLK
SI
SO
ADDRESS
CONTROL
CACHE
SPI_ROM_DI
UPD1002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com