Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD1002 Datasheet(PDF) 31 Page - Microchip Technology

Part # UPD1002
Description  USB Power Delivery Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD1002 Datasheet(HTML) 31 Page - Microchip Technology

Back Button UPD1002 Datasheet HTML 27Page - Microchip Technology UPD1002 Datasheet HTML 28Page - Microchip Technology UPD1002 Datasheet HTML 29Page - Microchip Technology UPD1002 Datasheet HTML 30Page - Microchip Technology UPD1002 Datasheet HTML 31Page - Microchip Technology UPD1002 Datasheet HTML 32Page - Microchip Technology UPD1002 Datasheet HTML 33Page - Microchip Technology UPD1002 Datasheet HTML 34Page - Microchip Technology UPD1002 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
 2014 Microchip Technology Inc.
DS00001760B-page 31
UPD1002
Note:
Only sourced currents (when the PD port is operating as a provider) can be monitored by IMON. If it is
desired to monitor a sinking current (when the port is operating as a consumer), an external circuit should
be used and the condition indicated to the device via the FAULT_IN_N pin.
3.5
SPI ROM Controller
The device is capable of code execution from an external SPI ROM. On power up, the firmware looks for an external
SPI flash device that contains a valid signature of 2DFU (device firmware upgrade) beginning at address 0xFFFA. If a
valid signature is found, then the external ROM is enabled and the code execution begins at address 0x0000 in the
external SPI device. If a valid signature is not found, then execution continues from internal ROM. The following sections
describe the interface options to the external SPI ROM.
Note:
Microchip suggests using the SST 25 series serial flash family, such as the SST25VF064C.
3.5.1
OPERATION OF THE HI-SPEED READ SEQUENCE
The SPI controller will automatically handle code reads going out to the SPI ROM Address. When the controller detects
a read, the controller drops the SPI_ROM_CE_N, and puts out a 0x0B, followed by the 24-bit address. The SPI controller
then puts out a DUMMY byte. The next eight clocks clock in the first byte. When the first byte is clocked in a ready signal
is sent back to the processor, and the processor gets one byte.
After the processor gets the first byte, its address will change. If the address is one more than the last address, the SPI
controller will clock out one more byte. If the address in anything other than one more than the last address, the SPI
controller will terminate the transaction by taking SPI_ROM_CE_N high. As long as the addresses are sequential, the
SPI Controller will keep clocking in data.
TABLE 3-7:
IMON OVERCURRENT THRESHOLDS
Negotiated Profile
Current
Overcurrent Threshold (A)
Min.
Typical
Max
1.5 A
-
1.73
1.95
2A
-
2.30
2.60
3A
-
3.45
3.90
5A
-
5.75
6.50
FIGURE 3-2:
SPI ROM HI-SPEED READ OPERATION
SPI
CONTROLLER
SPI
ROM
Serial to
Parllel
CE#
CLK
SI
SO
UPD1002
ADDRESS
CONTROL
CACHE
SPI_ROM_DI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com