Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD1002 Datasheet(PDF) 15 Page - Microchip Technology

Part # UPD1002
Description  USB Power Delivery Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD1002 Datasheet(HTML) 15 Page - Microchip Technology

Back Button UPD1002 Datasheet HTML 11Page - Microchip Technology UPD1002 Datasheet HTML 12Page - Microchip Technology UPD1002 Datasheet HTML 13Page - Microchip Technology UPD1002 Datasheet HTML 14Page - Microchip Technology UPD1002 Datasheet HTML 15Page - Microchip Technology UPD1002 Datasheet HTML 16Page - Microchip Technology UPD1002 Datasheet HTML 17Page - Microchip Technology UPD1002 Datasheet HTML 18Page - Microchip Technology UPD1002 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
 2014 Microchip Technology Inc.
DS00001760B-page 15
UPD1002
Charger Cur-
rent Monitor
IMON
AI
Voltage representation of the charger current. This signal
should be fed by a current sense amplifier tuned to output
3.0 V when 6.0 A is flowing on VBUS. Voltage must not
exceed 5 V on this signal. Refer to Section 3.4, "Voltage/
Current Monitors (VMON/IMON)," on page 29 for addi-
tional information.
Power Supply
Fault Indicator
FAULT_N
OD8
This active low signal can be connected to an external
LED or SoC and is used by the device to indicate power
supply exceptions/failures as determined by the inte-
grated voltage/current monitors. Refer to Section 3.4,
"Voltage/Current Monitors (VMON/IMON)," on page 29
for additional information.
Fault Input
FAULT_IN_N
IS
This active low signal is asserted by the power supplying
device (DC to DC controller or port power controller) to
notify the device when a system fault condition has
occurred. Typically, this signal is used for overcurrent or
overvoltage conditions, but it can be used for any system
related failure. This signal should be debounced to 1 ms.
Note:
The board design must ensure this signal is in
a valid state by the time PPC_PWR_EN or
PD_GOOD asserts.
Power Deliv-
ery Profile
Configuration
Selector 0
CFG_SEL0
AIO
This pin is used in conjunction with CFG_SEL1 to select
the power delivery profile of the device via an externally
connected RC circuit. Refer to Section 3.3, "Configuration
Selection (CFG_SEL0/CFG_SEL1)" for additional infor-
mation.
Power Deliv-
ery Profile
Configuration
Selector 1
CFG_SEL1
AIO
This pin is used in conjunction with CFG_SEL0 to select
the power delivery profile of the device via an externally
connected RC circuit. Refer to Section 3.3, "Configuration
Selection (CFG_SEL0/CFG_SEL1)" for additional infor-
mation.
TABLE 2-2:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com