Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD1002 Datasheet(PDF) 38 Page - Microchip Technology

Part # UPD1002
Description  USB Power Delivery Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD1002 Datasheet(HTML) 38 Page - Microchip Technology

Back Button UPD1002 Datasheet HTML 34Page - Microchip Technology UPD1002 Datasheet HTML 35Page - Microchip Technology UPD1002 Datasheet HTML 36Page - Microchip Technology UPD1002 Datasheet HTML 37Page - Microchip Technology UPD1002 Datasheet HTML 38Page - Microchip Technology UPD1002 Datasheet HTML 39Page - Microchip Technology UPD1002 Datasheet HTML 40Page - Microchip Technology UPD1002 Datasheet HTML 41Page - Microchip Technology UPD1002 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
UPD1002
DS00001760B-page 38
 2014 Microchip Technology Inc.
4.3
Power Consumption
This section details the power consumption of the device as measured during various modes of operation. Power dis-
sipation is determined by temperature, supply voltage, and external source/sink requirements.
Note:
Maximum values represent very short bursts of activity over a small amount of time. Typical values repre-
sent averaged current consumption over time.
4.4
DC Specifications
Note3:This specification applies to all inputs and tri-stated bi-directional pins. Internal pull-down and pull-up
resistors add +/- 50 µA per-pin (typical).
TABLE 4-1:
DEVICE POWER CONSUMPTION
Power State
VTR Supply Current
Typical
Max
Units
RESET
0.325
3.5
mA
PROVIDER MODE
Wait Insert State
1.2
16.2
mA
Legacy Device Connected
14.6
58.5
mA
PD Device Connected
28.0
69.0
mA
CONSUMER MODE
Sink Discovery State /
Legacy Device Connected
10.0
45.0
mA
PD Device Connected
28.0
69.0
mA
TABLE 4-2:
DC ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Min
Typ
Max
Units
IS Type Input Buffer
Low Input Level
High Input Level
Negative-Going Threshold
Positive-Going Threshold
Schmitt Trigger Hysteresis
(VIHT - VILT)
Input Leakage
(VIN = VSS or VDDIO)
Input Capacitance
VILI
VIHI
VILT
VIHT
VHYS
IIH
CIN
-0.3
2.5
1.25
1.40
188
-9.79
1.35
1.65
225
0.8
VDDIO+0.3
1.55
1.76
250
7.14
3
V
V
V
V
mV
nA
pF
Schmitt trigger
Schmitt trigger
Note 3
O8 Type Buffers
Low Output Level
High Output Level
VOL
VOH
VDDIO - 0.7
0.35
V
V
IOL = -8 mA
IOH = 8 mA
OD8 Type Buffer
Low Output Level
VOL
0.35
V
IOL = -8 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com