Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD1002 Datasheet(PDF) 14 Page - Microchip Technology

Part # UPD1002
Description  USB Power Delivery Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD1002 Datasheet(HTML) 14 Page - Microchip Technology

Back Button UPD1002 Datasheet HTML 10Page - Microchip Technology UPD1002 Datasheet HTML 11Page - Microchip Technology UPD1002 Datasheet HTML 12Page - Microchip Technology UPD1002 Datasheet HTML 13Page - Microchip Technology UPD1002 Datasheet HTML 14Page - Microchip Technology UPD1002 Datasheet HTML 15Page - Microchip Technology UPD1002 Datasheet HTML 16Page - Microchip Technology UPD1002 Datasheet HTML 17Page - Microchip Technology UPD1002 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
UPD1002
DS00001760B-page 14
 2014 Microchip Technology Inc.
2.2
Pin Descriptions
TABLE 2-2:
PIN DESCRIPTIONS
Name
Symbol
Buffer
Type
Description
Power Delivery
Power Deliv-
ery Cable ID
PD_ID
AIO
USB connector signal used to indicate a high-current
power delivery capable cable is inserted. This signal is to
be connected to the PD_ID pin located on the USB PD
Standard-B receptacle.
Power Deliv-
ery VBUS Data
PD_DATA
AIO
Modulated power delivery VBUS data. Requires in-line
isolation filter. Reference schematic available on request.
Power Deliv-
ery Detect
PD_DETECT
IS
(PU)
This signal is to be connected to the PD DETECT pins
located on the USB PD Standard-A receptacle. This sig-
nal is pulled high via an internal pull-up resistor by
default. Assertion (low value) of PD_DETECT qualifies a
USB-PD plug detection event.
Power
Delivery
Enable
(Active High)
PD_EN
O8
This active high signal is used to drive the enable pin of
the DC-to-DC solution direction directly. Alternatively, this
signal may be used to drive an N-channel MOSFET into
cuttoff and isolate the input power of the DC-to-DC solu-
tion.
Note:
This function is only available in specific
device configurations.
Power
Delivery Good
PD_GOOD
O8
This active high signal is asserted whenever a valid USB
power delivery contract has been established and the
device is operating as a sink in a configuration other than
VSafe5V-0A. A valid contract is defined as a PD contract
that matches one of the supported PD consumer/provider
profiles, as determined by the CFG_SEL0/CFG_SEL1
configuration. When there is no valid contract estab-
lished, this signal de-asserts.
Note:
This signal will not be asserted, or become de-
asserted, if the VBUS voltage is not within the
desired range, as determined by the VMON
voltage monitoring (despite a contract being
established).
Note:
This function is only available in specific
device configurations.
Miscellaneous
VBUS Voltage
Monitor
VMON
AI
Stepped down voltage representation of the VBUS volt-
age. This signal must be connected to a voltage divider
circuit as specified in Section 2.4, "Power Connection
Diagram," on page 22. Voltage must not exceed 5 V on
this signal. Refer to Section 3.4, "Voltage/Current Moni-
tors (VMON/IMON)," on page 29 for additional informa-
tion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com