Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD1002 Datasheet(PDF) 30 Page - Microchip Technology

Part # UPD1002
Description  USB Power Delivery Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD1002 Datasheet(HTML) 30 Page - Microchip Technology

Back Button UPD1002 Datasheet HTML 26Page - Microchip Technology UPD1002 Datasheet HTML 27Page - Microchip Technology UPD1002 Datasheet HTML 28Page - Microchip Technology UPD1002 Datasheet HTML 29Page - Microchip Technology UPD1002 Datasheet HTML 30Page - Microchip Technology UPD1002 Datasheet HTML 31Page - Microchip Technology UPD1002 Datasheet HTML 32Page - Microchip Technology UPD1002 Datasheet HTML 33Page - Microchip Technology UPD1002 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
UPD1002
DS00001760B-page 30
 2014 Microchip Technology Inc.
3.4.1.2
Overvoltage Condition
Using VMON, the device monitors the voltage on VBUS to detect an overvoltage condition on the supply output. The
overvoltage condition is determined when the predefined overvoltage threshold is crossed, as detailed in Table 3-5.
The VSELx_N pins are used to set the overvoltage protection (OVP) voltage on the VMON pin. The OVP fault will trig-
ger when the measured voltage on VMON is 10% above the selected voltage setting.
On the occurrence of the overvoltage condition:
• The supply output will turned off and discharged.
•The FAULT_N pin will be strobed approximately every 500ms.
• If more than 3 consecutive exceptions occur within a 4 second period, FAULT_N will be strobed approximately
every 5 seconds.
3.4.1.3
Undervoltage Condition
Using VMON, the device monitors the voltage on VBUS to detect an undervoltage condition on the supply output. The
undervoltage condition is determined when the predefined undervoltage threshold is crossed, as detailed in Table 3-6.
On the occurrence of the undervoltage condition:
• The supply output will turned off and discharged.
•The FAULT_N pin will be strobed approximately every 500ms.
• If more than 3 consecutive exceptions occur within a 4 second period, FAULT_N will be strobed approximately
every 5 seconds.
3.4.2
IMON
The integrated current monitor utilizes the IMON pin to read a voltage representation of the power supply output current.
This pin should be fed by a current sense amplifier tuned to output 3.0 V when 6.0 A is flowing on VBUS. On connection
of a port partner and the completion of a negotiated power contract, the overcurrent threshold is set based on the nego-
tiated current. When the device is not connected to a port partner, the overcurrent threshold will be set to the default
level. On the occurrence of an overcurrent condition:
• The supply output will turned off and discharged.
•The FAULT_N pin will be strobed approximately every 500ms.
• If more than 3 consecutive exceptions occur within a 4 second period, FAULT_N will be strobed approximately
every 5 seconds.
TABLE 3-5:
VMON OVERVOLTAGE THRESHOLDS
Voltage Threshold (V)
Min.
Typical
Max
5V
-6.0
6.9
9V
-
10.4
12.0
12 V
-
13.7
15.8
16 V
-
18.1
20.9
20 V
-
22.5
26.9
TABLE 3-6:
VMON UNDERVOLTAGE THRESHOLDS
Voltage Threshold (V)
Min.
Typical
Max
5V
-4.5
-
9V
-8.1
-
12 V
-
10.8
-
16 V
-
14.4
-
20 V
-
18.0
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com