Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD1002 Datasheet(PDF) 29 Page - Microchip Technology

Part # UPD1002
Description  USB Power Delivery Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD1002 Datasheet(HTML) 29 Page - Microchip Technology

Back Button UPD1002 Datasheet HTML 25Page - Microchip Technology UPD1002 Datasheet HTML 26Page - Microchip Technology UPD1002 Datasheet HTML 27Page - Microchip Technology UPD1002 Datasheet HTML 28Page - Microchip Technology UPD1002 Datasheet HTML 29Page - Microchip Technology UPD1002 Datasheet HTML 30Page - Microchip Technology UPD1002 Datasheet HTML 31Page - Microchip Technology UPD1002 Datasheet HTML 32Page - Microchip Technology UPD1002 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
 2014 Microchip Technology Inc.
DS00001760B-page 29
UPD1002
3.3.4.2
PD Consumer Capabilities
The USB PD Consumer capabilities may be selected via the CFG_SEL0 and CFG_SEL1 pins, as defined in Section 3.3,
"Configuration Selection (CFG_SEL0/CFG_SEL1)". Each of the PD Consumer capabilities are detailed below.
VSafe5V-NC (5V@0A)
The Consumer Capability Profile for VSafe5V Non-Consuming indicates to the UPD1002 that this solution must have
only 5 V input sources and must not consume. This is typically used in dual-role ports that offer no capability in their
default role (e.g., a Standard-B Consumer-Provider hub UFP). Additionally, even if not explicitly listed, this capability is
supported by all consumers that support no other 5V capability (per the Power Delivery Specification).
12V@1.5A
The Consumer Capability 12V@1.5A indicates that the UPD1002 must have only 12 V input sources and must have at
least 1.5 A of input current for full-featured operation.
12V@3A
The Consumer Capability 12V@3A indicates that the UPD1002 must have only 12 V input sources and must have at
least 3 A of input current for full-featured operation.
12V@5A
The Consumer Capability 12V@5A indicates that the UPD1002 must have only 12 V input sources and must have at
least 5 A of input current for full-featured operation.
20V@3A
The Consumer Capability 20V@3A indicates that the UPD1002 must have only 20 V input sources and must have at
least 3 A of input current for full-featured operation.
20V@5A
The Consumer Capability 20V@5A indicates that the UPD1002 must have only 20 V input sources and must have at
least 5 A of input current for full-featured operation.
3.4
Voltage/Current Monitors (VMON/IMON)
3.4.1
VMON
The integrated voltage monitor utilizes the VMON pin to read a stepped down voltage representation of the VBUS volt-
age. This pin must be connected to a voltage divider circuit as specified in Section 2.4, "Power Connection Diagram,"
on page 22. The device monitors the VBUS voltage as a provider to manage the behavior of the power supply, detecting
power supply transitions and over/under-voltage conditions.
The device also monitors the VBUS voltage as a consumer for the following purposes:
• To verify the source provided voltage is within range after reception of the PS_RDY message and before asserting
the PD_GOOD signal.
• To monitor for occurrence of overvoltage or undervoltage exception conditions for the negotiated contract, upon
which PD_GOOD will be de-asserted.
3.4.1.1
Power Supply Transitions
Using VMON, the device monitors the voltage on VBUS to manage the transitions of the supply output. The supply
power-on and power-off transitions are determined to be at their final states when reaching predefined voltage thresh-
olds, as detailed in Table 3-4. The power-on threshold indicates when the supply has reached the defined voltage. The
power-off threshold indicates when the supply output is discharged. All voltage transitions are bound by an internal
timer. If the voltage transition times out, the FAULT_N pin will be asserted until the power transition is successfully com-
pleted.
TABLE 3-4:
VMON POWER-ON/OFF TRANSITION THRESHOLDS
Voltage Threshold (V)
Min.
Typical
Max
Power-On
-3-
Power-Off
-2-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com