Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS25HB Datasheet(PDF) 13 Page - STMicroelectronics

Part # LPS25HB
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS25HB Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LPS25HB Datasheet HTML 9Page - STMicroelectronics LPS25HB Datasheet HTML 10Page - STMicroelectronics LPS25HB Datasheet HTML 11Page - STMicroelectronics LPS25HB Datasheet HTML 12Page - STMicroelectronics LPS25HB Datasheet HTML 13Page - STMicroelectronics LPS25HB Datasheet HTML 14Page - STMicroelectronics LPS25HB Datasheet HTML 15Page - STMicroelectronics LPS25HB Datasheet HTML 16Page - STMicroelectronics LPS25HB Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
DocID027112 Rev 2
13/40
LPS25HB
Functionality
40
3
Functionality
The LPS25HB is a high resolution, digital output pressure sensor packaged in an HLGA full-
mold package. The complete device includes a sensing element based on a piezoresistive
Wheatstone bridge approach, and an IC interface which communicates a digital signal from
the sensing element to the application.
3.1
Sensing element
An ST proprietary process is used to obtain a silicon membrane for MEMS pressure
sensors. When pressure is applied, the membrane deflection induces an imbalance in the
Wheatstone bridge piezoresistances whose output signal is converted by the IC interface.
3.2
I2C interface
The complete measurement chain is composed of a low-noise amplifier which converts the
resistance unbalance of the MEMS sensors (pressure and temperature) into an analog
voltage using an analog-to-digital converter.
The pressure and temperature data may be accessed through an I²C/SPI interface thus
making the device particularly suitable for direct interfacing with a microcontroller.
The LPS25HB features a Data-Ready signal which indicates when a new set of measured
pressure and temperature data are available, thus simplifying data synchronization in the
digital system that uses the device.
3.3
Factory calibration
The IC interface is factory calibrated at three temperatures and two pressures for sensitivity
and accuracy.
The trimming values are stored inside the device in a non-volatile structure. When the
device is turned on, the trimming parameters are downloaded into the registers to be
employed during normal operation which allows the device to be used without requiring any
further calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com