Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS25HB Datasheet(PDF) 14 Page - STMicroelectronics

Part # LPS25HB
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS25HB Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LPS25HB Datasheet HTML 10Page - STMicroelectronics LPS25HB Datasheet HTML 11Page - STMicroelectronics LPS25HB Datasheet HTML 12Page - STMicroelectronics LPS25HB Datasheet HTML 13Page - STMicroelectronics LPS25HB Datasheet HTML 14Page - STMicroelectronics LPS25HB Datasheet HTML 15Page - STMicroelectronics LPS25HB Datasheet HTML 16Page - STMicroelectronics LPS25HB Datasheet HTML 17Page - STMicroelectronics LPS25HB Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
FIFO
LPS25HB
14/40
DocID027112 Rev 2
4
FIFO
The LPS25HB embeds 32-slot data FIFO to store the pressure output values. The FIFO
allows consistent power saving for the system, since the host processor does not need to
continuously poll data from the sensor, but it can wake up only when needed and burst the
significant data out from the FIFO.
This buffer can work according to seven different modes: Bypass mode, FIFO mode, Stream
mode, Stream-to-FIFO mode, Bypass-to-Stream mode, Bypass-to-FIFO mode and FIFO
Mean mode.
The FIFO buffer is enabled when the FIFO_EN bit in CTRL_REG2 (21h) is set to '1' and
each mode is selected by the F_MODE[2:0] bits in FIFO_CTRL (2Eh).
FIFO threshold status, FIFO overrun events and the number of unread samples stored are
available in the FIFO_STATUS (2Fh) register and can be set to generate dedicated
interrupts on the INT_DRDY pin in the CTRL_REG4 (23h) register.
4.1
Bypass mode
In Bypass mode (F_MODE[2:0] in FIFO_CTRL (2Eh) set to '000'), the FIFO is not
operational and it remains empty.
4.2
FIFO mode
In FIFO mode (F_MODE[2:0] in FIFO_CTRL (2Eh) set to '001'), the data from
PRESS_OUT_H (2Ah), PRESS_OUT_L (29h), and PRESS_OUT_XL (28h) are stored in
the FIFO.
A watermark interrupt can be enabled (STOP_ON_FTH bit set to '1' in CTRL_REG2 (21h))
in order to be raised when the FIFO is filled to the level specified by the WTM_POINT[4:0]
bits of FIFO_CTRL (2Eh). The FIFO continues filling until it is full (32 slots of data for
pressure output). When full, the FIFO stops collecting data.
4.3
Stream mode
In Stream mode (F_MODE[2:0] in FIFO_CTRL (2Eh) set to '010'), the data from
PRESS_OUT_H (2Ah), PRESS_OUT_L (29h), and PRESS_OUT_XL (28h) are stored in
the FIFO. The FIFO continues filling until it's full (32 slots of data for pressure output). When
full, the FIFO discards the older data as the new arrive. A watermark interrupt can be
enabled and set as in FIFO mode.
4.4
Stream-to-FIFO mode
In Stream-to-FIFO mode (F_MODE[2:0] in FIFO_CTRL (2Eh) set to '011'), the data from
PRESS_OUT_H (2Ah), PRESS_OUT_L (29h) PRESS_OUT_L (29h) and PRESS_OUT_XL
(28h) are stored in the FIFO.
A Watermark interrupt can be enabled (STOP_ON_FTH bit set to '1' in CTRL_REG2 (21h))
in order to be raised when the FIFO is filled to the level specified by the WTM_POINT[4:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com