Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS25HB Datasheet(PDF) 37 Page - STMicroelectronics

Part # LPS25HB
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS25HB Datasheet(HTML) 37 Page - STMicroelectronics

Back Button LPS25HB Datasheet HTML 32Page - STMicroelectronics LPS25HB Datasheet HTML 33Page - STMicroelectronics LPS25HB Datasheet HTML 34Page - STMicroelectronics LPS25HB Datasheet HTML 35Page - STMicroelectronics LPS25HB Datasheet HTML 36Page - STMicroelectronics LPS25HB Datasheet HTML 37Page - STMicroelectronics LPS25HB Datasheet HTML 38Page - STMicroelectronics LPS25HB Datasheet HTML 39Page - STMicroelectronics LPS25HB Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
DocID027112 Rev 2
37/40
LPS25HB
Register description
40
8.20
THS_P_L (30h)
Least significant bits of the threshold value for pressure interrupt generation.
The threshold value for pressure interrupt generation is a 16-bit register composed of
THS_P_H (31h) and THS_P_L (30h). The value is expressed as unsigned number: Interrupt
threshold(hPA) = (THS_P)/16.
8.21
THS_P_H (31h)
Most significant bits of the threshold value for pressure interrupt generation.
8.22
RPDS_L (39h)
Pressure offset (LSB data)
The pressure offset value is a 16-bit data that can be used to implement One-Point
Calibration (OPC) after soldering, This value is composed of RPDS_H (3Ah) and RPDS_L
(39h). The value is expressed as 2’s complement.
8.23
RPDS_H (3Ah)
Pressure offset (MSB data)
76
54
32
1
0
THS7
THS6
THS5
THS4
THS3
THS2
THS1
THS0
THS[7:0]
This register contains the low part of threshold value for pressure interrupt generation.
15
14
13
12
11
10
9
8
THS15
THS14
THS13
THS12
THS11
THS10
THS9
THS8
THS[15:8]
This register contains the high part of threshold value for pressure interrupt generation.
Refer to THS_P_L (30h).
76
54
32
1
0
RPDS7
RPDS6
RSPDS5
RPDS4
RPDS3
RPDS2
RPDS1
RPDS0
RPDS[7:0]
This register contains the low part of the pressure offset value.
76
54
32
1
0
RPDS15
RPDS14
RSPDS13
RPDS12
RPDS11
RPDS2
RPDS9
RPDS8
RPDS[15:8]
This register contains the high part of the pressure offset value.
Refer to RPDS_L (39h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com