Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS25HB Datasheet(PDF) 27 Page - STMicroelectronics

Part # LPS25HB
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS25HB Datasheet(HTML) 27 Page - STMicroelectronics

Back Button LPS25HB Datasheet HTML 23Page - STMicroelectronics LPS25HB Datasheet HTML 24Page - STMicroelectronics LPS25HB Datasheet HTML 25Page - STMicroelectronics LPS25HB Datasheet HTML 26Page - STMicroelectronics LPS25HB Datasheet HTML 27Page - STMicroelectronics LPS25HB Datasheet HTML 28Page - STMicroelectronics LPS25HB Datasheet HTML 29Page - STMicroelectronics LPS25HB Datasheet HTML 30Page - STMicroelectronics LPS25HB Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
DocID027112 Rev 2
27/40
LPS25HB
Register description
40
8.4
WHO_AM_I (0Fh)
Device who am I
8.5
RES_CONF (10h)
Pressure and temperature resolution
76
54
32
1
0
10
11
11
0
1
76
54
32
1
0
Reserved
AVGT1
AVGT0
AVGP1
AVGP0
AVGT[1:0]
Temperature internal average configuration. Default 01.
Refer to Table 17 for all the configurations
AVGP[1:0]
Pressure internal average configuration. Default 01.
Refer to Table 18 for all the configurations
Table 17. Temperature resolution configuration
AVGT1
AVGT0
Nr. internal average
008
01
16
10
32
11
64
Table 18. Pressure resolution configuration
AVGP1
AVGP0
Nr. internal average
00
8
01
32
10
128
11
512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com