Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS25HB Datasheet(PDF) 32 Page - STMicroelectronics

Part # LPS25HB
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS25HB Datasheet(HTML) 32 Page - STMicroelectronics

Back Button LPS25HB Datasheet HTML 28Page - STMicroelectronics LPS25HB Datasheet HTML 29Page - STMicroelectronics LPS25HB Datasheet HTML 30Page - STMicroelectronics LPS25HB Datasheet HTML 31Page - STMicroelectronics LPS25HB Datasheet HTML 32Page - STMicroelectronics LPS25HB Datasheet HTML 33Page - STMicroelectronics LPS25HB Datasheet HTML 34Page - STMicroelectronics LPS25HB Datasheet HTML 35Page - STMicroelectronics LPS25HB Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
Register description
LPS25HB
32/40
DocID027112 Rev 2
8.10
INTERRUPT_CFG (24h)
Interrupt configuration
8.11
INT_SOURCE (25h)
Interrupt source
INT_SOURCE register is cleared by reading it.
76
54
32
1
0
Reserved
LIR
PL_E
PH_E
LIR
Latch interrupt request to the INT_SOURCE (25h) register. Default value: 0.
(0: interrupt request not latched; 1: interrupt request latched)
PL_E
Enable interrupt generation on differential pressure low event. Default value: 0.
(0: disable interrupt request; 1: enable interrupt request on measured differential
pressure value lower than preset threshold)
PH_E
Enable interrupt generation on differential pressure high event. Default value: 0.
(0: disable interrupt request; 1: enable interrupt request on measured differential
pressure value higher than preset threshold)
76
54
32
1
0
00
00
0
IA
PL
PH
IA
Interrupt active.
(0: no interrupt has been generated;
1: one or more interrupt events have been generated).
PL
Differential pressure Low.
(0: no interrupt has been generated;
1: Low differential pressure event has occurred).
PH
Differential pressure High.
(0: no interrupt has been generated;
1: High differential pressure event has occurred).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com