Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS25HB Datasheet(PDF) 28 Page - STMicroelectronics

Part # LPS25HB
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS25HB Datasheet(HTML) 28 Page - STMicroelectronics

Back Button LPS25HB Datasheet HTML 24Page - STMicroelectronics LPS25HB Datasheet HTML 25Page - STMicroelectronics LPS25HB Datasheet HTML 26Page - STMicroelectronics LPS25HB Datasheet HTML 27Page - STMicroelectronics LPS25HB Datasheet HTML 28Page - STMicroelectronics LPS25HB Datasheet HTML 29Page - STMicroelectronics LPS25HB Datasheet HTML 30Page - STMicroelectronics LPS25HB Datasheet HTML 31Page - STMicroelectronics LPS25HB Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
Register description
LPS25HB
28/40
DocID027112 Rev 2
8.6
CTRL_REG1 (20h)
Control register 1
The PD bit allows the turn on of the device. The device is in power-down mode when PD is
set to ‘0’ (default value after boot). The device is active when PD is set to ‘1’.
The ODR[2,0] bits can be configured as described in Table 19. When ODR[2,0] are set to
‘000’ the device enables one-shot mode. When ‘ONESHOT’ bit in CTRL_REG2 (21h) is
set to ‘1’, a new set of data for pressure and temperature is acquired.
The DIFF_EN bit is used to enable the computing of differential pressure output. It is
recommended to enable DIFF_EN after the configuration of REF_P_H (0Ah), REF_P_L
(09h), REF_P_XL (08h), THS_P_H (31h) and THS_P_L (30h).
The BDU bit is used to inhibit the update of the output registers between the reading of the
upper and lower register parts. In default mode (BDU = ‘0’), the lower and upper register
parts are updated continuously. When the BDU is activated (BDU = ‘1’), the content of the
76
54
32
1
0
PD
ODR2
ODR1
ODR0
DIFF_EN
BDU
RESET_AZ
SIM
PD
Power-down control. Default value: 0
(0: power-down mode; 1: active mode)
ODR [2:0]
Output data rate selection. Default value: 000
Refer to Table 19.
DIFF_EN
Interrupt generation enable. Default value: 0
(0: interrupt generation disabled; 1: interrupt generation enabled)
BDU
Block data update. Default value: 0
(0: continuous update;
1: output registers not updated until MSB and LSB have been read)
RESET_AZ
Reset Autozero function. Default value: 0.
(0: normal mode; 1: reset Autozero function)
SIM
SPI Serial Interface Mode selection.Default value: 0
(0: 4-wire interface; 1: 3-wire interface)
Table 19. Output data rate bit configurations
ODR2
ODR1
ODR0
Pressure (Hz)
Temperature (Hz)
000
One-shot mode enabled
001
1 Hz
1 Hz
010
7 Hz
7 Hz
011
12.5 Hz
12.5 Hz
100
25 Hz
25 Hz
101
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com