Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS25HB Datasheet(PDF) 24 Page - STMicroelectronics

Part # LPS25HB
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS25HB Datasheet(HTML) 24 Page - STMicroelectronics

Back Button LPS25HB Datasheet HTML 20Page - STMicroelectronics LPS25HB Datasheet HTML 21Page - STMicroelectronics LPS25HB Datasheet HTML 22Page - STMicroelectronics LPS25HB Datasheet HTML 23Page - STMicroelectronics LPS25HB Datasheet HTML 24Page - STMicroelectronics LPS25HB Datasheet HTML 25Page - STMicroelectronics LPS25HB Datasheet HTML 26Page - STMicroelectronics LPS25HB Datasheet HTML 27Page - STMicroelectronics LPS25HB Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
Register mapping
LPS25HB
24/40
DocID027112 Rev 2
7
Register mapping
Table 16 provides a quick overview of the 8-bit registers embedded in the device.
Table 16. Registers address map
Name
Type
Register
Address
Default
Function and
comment
Hex
Binary
Reserved
00-07
0D - 0E
-
Reserved
REF_P_XL
R/W
08
00000000
REF_P_L
R/W
09
00000000
REF_P_H
R/W
0A
00000000
WHO_AM_I
R
0F
10111101
Who am I register
RES_CONF
R/W
10
00000101
Reserved
11-1F
-
Reserved
CTRL_REG1
R/W
20
00000000
CTRL_REG2
R/W
21
00000000
CTRL_REG3
R/W
22
00000000
CTRL_REG4
R/W
23
00000000
INTERRUPT_CFG
R/W
24
00000000
INT_SOURCE
R
25
00000000
Reserved
26
-
Reserved
STATUS_REG
R
27
00000000
PRESS_OUT_XL
R
28
output
PRESS_OUT_L
R
29
output
PRESS_OUT_H
R
2A
output
TEMP_OUT_L
R
2B
output
TEMP_OUT_H
R
2C
output
Reserved
2D
-
Reserved
FIFO_CTRL
R/W
2E
00000000
FIFO_STATUS
R
2F
00000000
THS_P_L
R/W
30
00000000
THS_P_H
R/W
31
00000000
Reserved
32-38
-
RPDS_L
R/W
39
00000000
RPDS_H
R/W
3A
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com