Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS25HB Datasheet(PDF) 31 Page - STMicroelectronics

Part # LPS25HB
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS25HB Datasheet(HTML) 31 Page - STMicroelectronics

Back Button LPS25HB Datasheet HTML 27Page - STMicroelectronics LPS25HB Datasheet HTML 28Page - STMicroelectronics LPS25HB Datasheet HTML 29Page - STMicroelectronics LPS25HB Datasheet HTML 30Page - STMicroelectronics LPS25HB Datasheet HTML 31Page - STMicroelectronics LPS25HB Datasheet HTML 32Page - STMicroelectronics LPS25HB Datasheet HTML 33Page - STMicroelectronics LPS25HB Datasheet HTML 34Page - STMicroelectronics LPS25HB Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
DocID027112 Rev 2
31/40
LPS25HB
Register description
40
Figure 12. Interrupt generation block and output pressure data
8.9
CTRL_REG4 (23h)
Interrupt configuration
76
54
32
1
0
0
0
0
0
F_EMPTY
F_FTH
F_OVR
DRDY
F_EMPTY
FIFO empty flag on INT_DRDY pin. Default value: 0.
(0: disable; 1: enable)
F_FTH
FIFO threshold (watermark) status on INT_DRDY pin to indicate that FIFO is filled
up to the threshold level. Default value: 0.
(0: disable; 1: enable)
F_OVR
FIFO overrun interrupt on INT_DRDY pin to indicate that FIFO is full in FIFO mode
or that an overrun occurred in Stream mode. Default value: 0.
(0: disable; 1: enable)
DRDY
Data-ready signal on INT_DRDY pin. Default value: 0.
(0: disable; 1: enable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com