Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS25HB Datasheet(PDF) 15 Page - STMicroelectronics

Part # LPS25HB
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS25HB Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LPS25HB Datasheet HTML 11Page - STMicroelectronics LPS25HB Datasheet HTML 12Page - STMicroelectronics LPS25HB Datasheet HTML 13Page - STMicroelectronics LPS25HB Datasheet HTML 14Page - STMicroelectronics LPS25HB Datasheet HTML 15Page - STMicroelectronics LPS25HB Datasheet HTML 16Page - STMicroelectronics LPS25HB Datasheet HTML 17Page - STMicroelectronics LPS25HB Datasheet HTML 18Page - STMicroelectronics LPS25HB Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
DocID027112 Rev 2
15/40
LPS25HB
FIFO
40
bits of FIFO_CTRL (2Eh).The FIFO continues filling until it's full (32 slots of data for
pressure output). When full, the FIFO discards the older data as the new arrive. Once a
trigger event occurs, the FIFO starts operating in FIFO mode. A trigger event can be
configured in INTERRUPT_CFG (24h).
4.5
Bypass-to-Stream mode
In Bypass-to-Stream mode (F_MODE[2:0] in FIFO_CTRL (2Eh) set to '100'), the FIFO is in
Bypass mode until a trigger event occurs and the FIFO starts operating in Stream mode. A
trigger event can be configured in INTERRUPT_CFG (24h).
4.6
FIFO Mean mode
In FIFO Mean mode (F_MODE[2:0] in FIFO_CTRL (2Eh) set to '110'), the pressure data are
not directly sent to the output register but are first stored in the FIFO to calculate the
average. In this mode the FIFO is used to implement a moving average of the pressure data
with a 2, 4, 8, 16 or 32 sample set by changing the watermark defined by the
WTM_POINT[4:0] bits of FIFO_CTRL (2Eh) (refer to Table 8).
There are two possible ways of providing the output pressure data averaged by FIFO:
1.
If the FIFO_MEAN_DEC bit in CTRL_REG2 (21h) is set to '0', the output is at the same
ODR of the data coming from the sensor;
2.
If the FIFO_MEAN_DEC bit in CTRL_REG2 (21h) is set to '1', the output is decimated
(@1 Hz when ODR = 4 or 2; @1.04 Hz when ODR=3).
Please note that when using the FIFO Mean mode it is not possible to access the FIFO
content.
4.7
Bypass-to-FIFO mode
In Bypass-to-FIFO (F_MODE[2:0] in FIFO_CTRL (2Eh) set to '111'), the FIFO is in Bypass
mode until a trigger event occurs and the FIFO starts operating in FIFO mode. A trigger
event can be configured in INTERRUPT_CFG (24h).
Table 8. Running average sample size
WTM_POINT[4:0]
FIFO_MEAN_MODE sample size
00001
2-sample moving average
00011
4-sample moving average
00111
8-sample moving average
01111
16-sample moving average
11111
32-sample moving average



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com