Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS25HB Datasheet(PDF) 1 Page - STMicroelectronics

Part # LPS25HB
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS25HB Datasheet(HTML) 1 Page - STMicroelectronics

  LPS25HB Datasheet HTML 1Page - STMicroelectronics LPS25HB Datasheet HTML 2Page - STMicroelectronics LPS25HB Datasheet HTML 3Page - STMicroelectronics LPS25HB Datasheet HTML 4Page - STMicroelectronics LPS25HB Datasheet HTML 5Page - STMicroelectronics LPS25HB Datasheet HTML 6Page - STMicroelectronics LPS25HB Datasheet HTML 7Page - STMicroelectronics LPS25HB Datasheet HTML 8Page - STMicroelectronics LPS25HB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
This is information on a product in full production.
May 2015
DocID027112 Rev 2
1/40
LPS25HB
MEMS pressure sensor: 260-1260 hPa absolute
digital output barometer
Datasheet
- production data
Features
• 260 to 1260 hPa absolute pressure range
• High-resolution mode: 0.01 hPa RMS
• Low-power consumption
– Low-resolution mode: 4 µA
– High-resolution mode with FIFO: 4.5 µA
• High overpressure capability: 20x full scale
• Embedded temperature compensation
• 24-bit pressure data output
• ODR from 1 Hz to 25 Hz
• SPI and I2C interfaces
• Embedded FIFO
• Interrupt functions: Data Ready, FIFO flags,
pressure thresholds
• Supply voltage: 1.7 to 3.6 V
• High shock survivability: 10,000 g
• ECOPACK® lead-free compliant
Applications
•
Altimeter and barometer for portable devices
•
Enhanced GPS applications
•
Weather station equipment
•
Wearable devices
Description
The LPS25HB is a piezoresistive absolute
pressure sensor which functions as a digital
output barometer. The device comprises a
sensing element and an IC interface which
communicates through I2C or SPI from the
sensing element to the application.
The sensing element, which detects absolute
pressure, consists of a suspended membrane
manufactured using a dedicated process
developed by ST.
The LPS25HB is available in a full-mold, holed
LGA package (HLGA). It is guaranteed to operate
over a temperature range extending from -30 to
+105 °C. The package is holed to allow external
pressure to reach the sensing element.
HLGA 10L
(2.5 x 2.5 x 0.76 mm typ.)
Table 1. Device summary
Order code
Temperature range [°C]
Package
Packing
LPS25HBTR
-30 to +105°C
HLGA-10L
Tape and reel
www.st.com


Similar Part No. - LPS25HB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPS25H STMICROELECTRONICS-LPS25H Datasheet
1Mb / 45P
Embedded temperature compensation
April 2016 Rev 5
More results

Similar Description - LPS25HB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPS331AP STMICROELECTRONICS-LPS331AP Datasheet
447Kb / 36P
MEMS pressure sensor: 260-1260 mbar absolute digital output barometer
29-Mar-2012
LPS001WP STMICROELECTRONICS-LPS001WP Datasheet
377Kb / 30P
MEMS pressure sensor 300-1100 mbar absolute digital output barometer
05-Nov-2010
LPS22HB STMICROELECTRONICS-LPS22HB Datasheet
1Mb / 49P
MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
November 2016 Rev 5
LPS33HW STMICROELECTRONICS-LPS33HW Datasheet
1Mb / 50P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
25-Jul-2017
LPS27HHTW STMICROELECTRONICS-LPS27HHTW Datasheet
1Mb / 55P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with embedded temperature sensor in water-resistant package
Rev 1 - January 2021
LPS22CH STMICROELECTRONICS-LPS22CH Datasheet
1Mb / 55P
High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
05-Aug-2020
LPS22DF STMICROELECTRONICS-LPS22DF Datasheet
1Mb / 54P
Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
30-Sep-2021
LPS27HHW STMICROELECTRONICS-LPS27HHW Datasheet
1Mb / 60P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
31-Jul-2019
LPS33K STMICROELECTRONICS-LPS33K Datasheet
1Mb / 31P
MEMS pressure sensor: 300-1200 hPa absolute digital output barometer with potted gel package
20-May-2020
LPS22HH STMICROELECTRONICS-LPS22HH Datasheet
1Mb / 59P
High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
04-Feb-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com