Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS25HB Datasheet(PDF) 35 Page - STMicroelectronics

Part # LPS25HB
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS25HB Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LPS25HB Datasheet HTML 31Page - STMicroelectronics LPS25HB Datasheet HTML 32Page - STMicroelectronics LPS25HB Datasheet HTML 33Page - STMicroelectronics LPS25HB Datasheet HTML 34Page - STMicroelectronics LPS25HB Datasheet HTML 35Page - STMicroelectronics LPS25HB Datasheet HTML 36Page - STMicroelectronics LPS25HB Datasheet HTML 37Page - STMicroelectronics LPS25HB Datasheet HTML 38Page - STMicroelectronics LPS25HB Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
DocID027112 Rev 2
35/40
LPS25HB
Register description
40
8.17
TEMP_OUT_H (2Ch)
Temperature output value (MSB)
The temperature output value is a 16-bit data that contains the measured temperature. It is
composed by TEMP_OUT_H (2Ch) and TEMP_OUT_L (2Bh). The value is expressed as
2’s complement.
8.18
FIFO_CTRL (2Eh)
FIFO control
FIFO_MEAN mode: The FIFO can be used for implementing a HW moving average on the
pressure measurements. The number of samples of the moving average can be 2, 4, 8, 16
or 32 samples by selecting the watermark levels as per Table 22. Different configurations are
not allowed.
15
14
13
12
11
10
9
8
TOUT15
TOUT14
TOUT13
TOUT12
TOUT11
TOUT10
TOUT9
TOUT8
TOUT[15:8]
This register contains the high part of the temperature output value.
76
54
32
1
0
F_MODE2
F_MODE1
F_MODE0
WTM_POINT4 WTM_POINT3 WTM_POINT2 WTM_POINT1 WTM_POINT0
F_MODE[2:0]
FIFO mode selection. Default value: 000.
Refer to Table 21 and Section 4 for additional details.
WTM_POINT[4:0]
FIFO threshold (watermark) level selection.
Refer to Table 22 for additional details.
Table 21. FIFO mode selection
F_MOD F_MODE F_MODE
FIFO mode
00
0
Bypass mode
00
1
FIFO mode
0
1
0
Stream mode
0
1
1
Stream-to-FIFO mode
1
0
0
Bypass-to-Stream mode
1
0
1
Not available
1
1
0
FIFO Mean mode
1
1
1
Bypass-to-FIFO mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com