Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS25HB Datasheet(PDF) 29 Page - STMicroelectronics

Part # LPS25HB
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS25HB Datasheet(HTML) 29 Page - STMicroelectronics

Back Button LPS25HB Datasheet HTML 25Page - STMicroelectronics LPS25HB Datasheet HTML 26Page - STMicroelectronics LPS25HB Datasheet HTML 27Page - STMicroelectronics LPS25HB Datasheet HTML 28Page - STMicroelectronics LPS25HB Datasheet HTML 29Page - STMicroelectronics LPS25HB Datasheet HTML 30Page - STMicroelectronics LPS25HB Datasheet HTML 31Page - STMicroelectronics LPS25HB Datasheet HTML 32Page - STMicroelectronics LPS25HB Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
DocID027112 Rev 2
29/40
LPS25HB
Register description
40
output registers is not updated until both MSB and LSB are read, avoiding the reading of
values related to different samples.
The RESET_AZ bit is used to reset the AutoZero function. Resetting REF_P_H (0Ah),
REF_P_L (09h) and REF_P_XL (08h) sets the pressure reference registers RPDS_H (3Ah)
and RPDS_L (39h) to the default value. RESET_AZ is self-cleared. For the AutoZero
function please refer to CTRL_REG2 (21h).
The SIM bit selects the SPI serial interface mode:
0: (default value) 4-wire SPI interface mode selected;
1: 3-wire SPI interface mode selected.
8.7
CTRL_REG2 (21h)
Control register 2
The BOOT bit is used to refresh the content of the internal registers stored in the Flash
memory block. At device power-up the content of the Flash memory block is transferred to
the internal registers related to the trimming functions to allow correct behavior of the device
itself. If for any reason the content of the trimming registers is modified, it is sufficient to use
this bit to restore the correct values. When the BOOT bit is set to ‘1’, the content of the
internal Flash is copied inside the corresponding internal registers and is used to calibrate
the device. These values are factory trimmed and they are different for every device. They
allow correct behavior of the device and normally they should not be changed. At the end of
76
54
32
1
0
BOOT
FIFO_EN
STOP_ON_FT FIFO_MEAN_
I2C_EN
SWRESET
AUTO_ZERO
ONE_SHOT
BOOT
Reboot memory content. Default value: 0.
(0: normal mode; 1: reboot memory content). The bit is self-cleared when the BOOT
is completed.
FIFO_EN
FIFO enable. Default value: 0.
(0: disable; 1: enable)
STOP_ON_FTH
Stop on FIFO threshold. Enable FIFO watermark level use. Default value 0
(0: disable; 1: enable).
FIFO_MEAN_-
DEC
Register address automatically incremented during a multiple byte access with a
serial interface (I2C or SPI). Default value 1.
(0: disable; 1 enable)
I2C_EN
I2C interface enabled. Default value 0.
(0: I2C enabled;1: I2C disabled)
SWRESET
Software reset. Default value: 0.
(0: normal mode; 1: software reset).
The bit is self-cleared when the reset is completed.
AUTOZERO
Autozero enable. Default value: 0.
(0: normal mode; 1: Autozero enabled)
ONE_SHOT
One shot mode enable. Default value: 0.
(0: idle mode; 1: a new dataset is acquired)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com