Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS25HB Datasheet(PDF) 26 Page - STMicroelectronics

Part # LPS25HB
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS25HB Datasheet(HTML) 26 Page - STMicroelectronics

Back Button LPS25HB Datasheet HTML 22Page - STMicroelectronics LPS25HB Datasheet HTML 23Page - STMicroelectronics LPS25HB Datasheet HTML 24Page - STMicroelectronics LPS25HB Datasheet HTML 25Page - STMicroelectronics LPS25HB Datasheet HTML 26Page - STMicroelectronics LPS25HB Datasheet HTML 27Page - STMicroelectronics LPS25HB Datasheet HTML 28Page - STMicroelectronics LPS25HB Datasheet HTML 29Page - STMicroelectronics LPS25HB Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
Register description
LPS25HB
26/40
DocID027112 Rev 2
8
Register description
The device contains a set of registers which are used to control its behavior and to retrieve
pressure and temperature data. The register address, made up of 7 bits, is used to identify
them and to read/write the data through the serial interface.
8.1
REF_P_XL (08h)
Reference pressure (LSB data)
The Reference pressure value is a 24-bit data subtracted from the sensor output
measurement and it is composed of REF_P_H (0Ah), REF_P_L (09h) and REF_P_XL
(08h). The value is expressed as 2’s complement.
The reference pressure value is subtracted from the sensor output measurement, to detect
a measured pressure beyond programmed limits (refer to INTERRUPT_CFG (24h)
register), and is used for the Autozero function.
8.2
REF_P_L (09h)
Reference pressure (middle part)
8.3
REF_P_H (0Ah)
Reference pressure (MSB data)
76
54
32
1
0
REFL7
REFL6
REFL5
REFL4
REFL3
REFL2
REFL1
REFL0
REFL[7:0]
This register contains the low part of the reference pressure value.
15
14
13
12
11
10
9
8
REFL15
REFL14
REFL13
REFL12
REFL11
REFL10
REFL9
REFL8
REFL[15:8]
This register contains the mid part of the reference pressure value.
Refer to REF_P_XL (08h).
23
22
21
20
19
18
17
16
REFL23
REFL22
REFL21
REFL20
REFL19
REFL18
REFL17
REFL16
REFL[23:16]
This register contains the high part of the reference pressure value.
Refer to REF_P_XL (08h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com