Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS25HB Datasheet(PDF) 30 Page - STMicroelectronics

Part # LPS25HB
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS25HB Datasheet(HTML) 30 Page - STMicroelectronics

Back Button LPS25HB Datasheet HTML 26Page - STMicroelectronics LPS25HB Datasheet HTML 27Page - STMicroelectronics LPS25HB Datasheet HTML 28Page - STMicroelectronics LPS25HB Datasheet HTML 29Page - STMicroelectronics LPS25HB Datasheet HTML 30Page - STMicroelectronics LPS25HB Datasheet HTML 31Page - STMicroelectronics LPS25HB Datasheet HTML 32Page - STMicroelectronics LPS25HB Datasheet HTML 33Page - STMicroelectronics LPS25HB Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
Register description
LPS25HB
30/40
DocID027112 Rev 2
the boot process, the BOOT bit is set again to ‘0’ by hardware. The BOOT bit takes effect
after one ODR clock cycle.
SWRESET is the software reset bit. The device is reset to the power-on configuration if the
SWRESET bit is set to ‘1’ and BOOT is set to ‘1’.
AUTOZERO, when set to ‘1’, the actual pressure output value is copied in REF_P_H (0Ah),
REF_P_L (09h) and REF_P_XL (08h). When this bit is enabled, the register content of
REF_P is subtracted from the pressure output value. To disable autozero, the REF_P
registers have to be cleared.
The ONE_SHOT bit is used to start a new conversion when the ODR[2,0] bits in
CTRL_REG1 (20h) are set to ‘000’. Writing a ‘1’ in ONE_SHOT triggers a single
measurement of pressure and temperature. Once the measurement is done, the
ONE_SHOT bit will self-clear, the new data are available in the output registers, and the
STATUS_REG bits are updated.
8.8
CTRL_REG3 (22h)
Interrupt control
The device features one set of programmable interrupt sources (INT) that can be configured
to trigger different pressure events. Figure 12 shows the block diagram of the interrupt
generation block and output pressure data.
The device may also be configured to generate, through the interrupt pins, a Data Ready
signal (Drdy) which indicates when a new measured pressure data is available, thus
simplifying data synchronization in digital systems or optimizing system power consumption.
76
54
32
1
0
INT_H_L
PP_OD
Reserved
INT_S2
INT_S1
INT_H_L
Interrupt active high, low. Default value: 0.
(0: active high; 1: active low)
PP_OD
Push-pull/open drain selection on interrupt pads. Default value: 0.
(0: push-pull; 1: open drain)
INT_S[2:1]
Data signal on INT_DRDY pin control bits. Default value: 00.
Refer to Table 20.
Table 20. Interrupt configurations
INT_S2
INT_S1
INT_DRDY pin configuration
0
0
Data signal (see CTRL_REG4 (23h))
0
1
Pressure high (P_high)
1
0
Pressure low (P_low)
1
1
Pressure low OR high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com