Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8661Z Datasheet(PDF) 37 Page - Semtech Corporation

Part # SX8661Z
Description  Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661Z Datasheet(HTML) 37 Page - Semtech Corporation

Back Button SX8661Z Datasheet HTML 33Page - Semtech Corporation SX8661Z Datasheet HTML 34Page - Semtech Corporation SX8661Z Datasheet HTML 35Page - Semtech Corporation SX8661Z Datasheet HTML 36Page - Semtech Corporation SX8661Z Datasheet HTML 37Page - Semtech Corporation SX8661Z Datasheet HTML 38Page - Semtech Corporation SX8661Z Datasheet HTML 39Page - Semtech Corporation SX8661Z Datasheet HTML 40Page - Semtech Corporation SX8661Z Datasheet HTML 41Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 87 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v4.0, February 2016
© 2012 Semtech Corp.
www.semtech.com
37
SX8661Z
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
SCL
The SCL pin is a high impedance input pin. The SCL pin is protected to VDD, using dedicated devices, in order to
conform to standard I2C slave specifications. The SCL pin has diode protected to GROUND.
An external pull-up resistor (1..10 kOhm) is required on this pin.
Figure 42 shows the simplified diagram of the SCL pin.
Figure 42
Simplified diagram of SCL
SDA
SDA is an IO pin that can be used as an open drain output pin with external pull-up resistor or as a high
impedance input pin. The SDA IO pin is protected to VDD, using dedicated devices, in order to conform to
standard I2C slave specifications. The SDA pin has diode protected to GROUND.
An external pull-up resistor (1..10 kOhm) is required on this pin.
Figure 43 shows the simplified diagram of the SDA pin.
Figure 43
Simplified diagram of SDA
VDD
R_SCL
SCL
SX8661Z
from host
SCL_IN
VDD
R_SDA
SDA
SX8661Z
SDA_OUT
from/to host
SDA_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com