Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8661Z Datasheet(PDF) 71 Page - Semtech Corporation

Part # SX8661Z
Description  Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661Z Datasheet(HTML) 71 Page - Semtech Corporation

Back Button SX8661Z Datasheet HTML 67Page - Semtech Corporation SX8661Z Datasheet HTML 68Page - Semtech Corporation SX8661Z Datasheet HTML 69Page - Semtech Corporation SX8661Z Datasheet HTML 70Page - Semtech Corporation SX8661Z Datasheet HTML 71Page - Semtech Corporation SX8661Z Datasheet HTML 72Page - Semtech Corporation SX8661Z Datasheet HTML 73Page - Semtech Corporation SX8661Z Datasheet HTML 74Page - Semtech Corporation SX8661Z Datasheet HTML 75Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 87 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v4.0, February 2016
© 2012 Semtech Corp.
www.semtech.com
71
SX8661Z
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
6.5
Control Registers
Address
Name
Bits
Description
0x09
CompOpMode
7:3
Reserved*, write only ‘00000’
2
Compensation
Indicates/triggers compensation procedure
0: Compensation completed (default)
1: read -> compensation running ; write -> trigger
compensation
1:0
Operating Mode
Indicates/programs** operating mode
00: Active mode (default)
01: Doze mode
10: Sleep mode
11: Reserved
* The reading of these reserved bits will return varying values.
** After the operating mode change (Active/Doze) the host should wait for INTB or 300ms before
performing any I2C read access.
Table 30
I2C compensation, operation modes
Address
Name
Bits
Description
0x0A
GpoCtrl
7:0
GpoCtrl[7:0]
Triggers ON/OFF state of GPOs when Autolight is OFF
0: OFF (i.e. go to IntensityOff)
1: ON (i.e. go to IntensityOn)
Default is set by SPM parameter GpioOutPwrUp
Bits of non-GPO pins are ignored.
Table 31
I2C GPO Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com