Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8661Z Datasheet(PDF) 69 Page - Semtech Corporation

Part # SX8661Z
Description  Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661Z Datasheet(HTML) 69 Page - Semtech Corporation

Back Button SX8661Z Datasheet HTML 65Page - Semtech Corporation SX8661Z Datasheet HTML 66Page - Semtech Corporation SX8661Z Datasheet HTML 67Page - Semtech Corporation SX8661Z Datasheet HTML 68Page - Semtech Corporation SX8661Z Datasheet HTML 69Page - Semtech Corporation SX8661Z Datasheet HTML 70Page - Semtech Corporation SX8661Z Datasheet HTML 71Page - Semtech Corporation SX8661Z Datasheet HTML 72Page - Semtech Corporation SX8661Z Datasheet HTML 73Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 87 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v4.0, February 2016
© 2012 Semtech Corp.
www.semtech.com
69
SX8661Z
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
6.4
Status Registers
Address
Name
Bits
Description
0x00
IrqSrc
7
Reserved
Interrupt source flags
0: Inactive (default)
1: Active
INTB goes low if any of
these bits is set.
More than one bit can be
set.
Reading IrqSrc clears it
together with INTB.
6
NVM burn interrupt flag
5
SPM write interrupt flag
4
Reserved
3
Reserved
2
Buttons/Proximity interrupt flag
1
Compensation interrupt flag
0
Operating Mode interrupt flag
Table 27
Interrupt Source
The delay between the actual event and the flags indicating the interrupt source may be one scan period.
IrqSrc[6] is set once NVM burn procedure is completed.
IrqSrc[5] is set once SPM write is effective.
IrqSrc[2] is set if a Button/Proximity event occurred (touch or release if enabled). CapStatLsb show the detailed
status of the Buttons.
IrqSrc[1] is set once compensation procedure is completed either through automatic trigger or via host request.
IrqSrc[0] is set when actually entering Active or Doze mode via host request. CompOpmode shows the current
operation mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com