Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8661Z Datasheet(PDF) 80 Page - Semtech Corporation

Part # SX8661Z
Description  Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661Z Datasheet(HTML) 80 Page - Semtech Corporation

Back Button SX8661Z Datasheet HTML 76Page - Semtech Corporation SX8661Z Datasheet HTML 77Page - Semtech Corporation SX8661Z Datasheet HTML 78Page - Semtech Corporation SX8661Z Datasheet HTML 79Page - Semtech Corporation SX8661Z Datasheet HTML 80Page - Semtech Corporation SX8661Z Datasheet HTML 81Page - Semtech Corporation SX8661Z Datasheet HTML 82Page - Semtech Corporation SX8661Z Datasheet HTML 83Page - Semtech Corporation SX8661Z Datasheet HTML 84Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 87 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v4.0, February 2016
© 2012 Semtech Corp.
www.semtech.com
80
SX8661Z
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
Touch
Prox
ON
leds
(gpoi[1])
led
(gpio[0])
Release
ON
No Prox
OFF
OFF
&Prox
AOI
idle
prox
prox+btn_x
prox
idle
breathing (~1Hz)
10 seconds
Figure 62
dual proximity LED and AOI reporting
Figure 62 shows the reporting on the LEDs and the AOI for the application with two AOIs.
On proximity all the LEDs (d1 to dx) are enabled to maximum light intensity.
A touch on any button is shown by the continuous fading in and fading out of the LED d0.
AOI-A
AOI-B
prox
idle
idle
key1
0.6V
idle
key2
0.9V
idle
key3
1.2V
idle
key4
idle
1.5V
key5
idle
1.8V
key6
idle
2.1V
key7
idle
2.4V
Table 39
example AOI-A, AOIB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com