Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8661Z Datasheet(PDF) 57 Page - Semtech Corporation

Part # SX8661Z
Description  Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661Z Datasheet(HTML) 57 Page - Semtech Corporation

Back Button SX8661Z Datasheet HTML 53Page - Semtech Corporation SX8661Z Datasheet HTML 54Page - Semtech Corporation SX8661Z Datasheet HTML 55Page - Semtech Corporation SX8661Z Datasheet HTML 56Page - Semtech Corporation SX8661Z Datasheet HTML 57Page - Semtech Corporation SX8661Z Datasheet HTML 58Page - Semtech Corporation SX8661Z Datasheet HTML 59Page - Semtech Corporation SX8661Z Datasheet HTML 60Page - Semtech Corporation SX8661Z Datasheet HTML 61Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 87 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v4.0, February 2016
© 2012 Semtech Corp.
www.semtech.com
57
SX8661Z
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
5.6
Analog Output Interface Parameters
Analog Output
Interface (AOI) Parameters
Address
Name
Bits
Description
0x2B
AoiCfg
7:6
Reserved (0x00).
5:4
Defines AoiLevelDuringBuzzer (same for A&B).
0x00: AOI button level
0x01: AOI Idle level
0x10: min level (0V)
0x11: max level( VDD)
3
Defines Aoi pwm period (same for A&B).
0: 0xFF (255)
1: 0x3F (63)
2:0
Reserved (0x01)
0x2C
AoiBtnMapMsb
7:0
Button[7]
Maps a button touch to one of the two Analog Output
Interfaces (AOI-A / AOI-B), or both.
00 : None
01 : AOI-A (GPIO7)
10 : AOI-B (GPIO6)
11 : Both
Button[6]
Button[5]
Button[4]
0x2D
AoiBtnMapLsb
7:0
Button[3]
Button[2]
Button[1]
Button[0] or Proximity
0x2E
AoiLevelBtn0
7:0
Defines the level index (cf Table 7) for Buttons, Idle or Proximity (for CAP0)
The level index should be smaller or equal to Aoi pwm period as defined in
AoiCfg[3].
0x00: 0
0x01: 1
…
0xFF: 255
0x2F
AoiLevelBtn1
7:0
0x30
AoiLevelBtn2
7:0
0x31
AoiLevelBtn3
7:0
0x32
AoiLevelBtn4
7:0
0x33
AoiLevelBtn5
7:0
0x34
AoiLevelBtn6
7:0
0x35
AoiLevelBtn7
7:0
0x36
AoiLevelIdle
7:0
Table 21
AOI Parameters
AoiBtnMap
This register is used to map the available buttons to SWI-A, AOI-B or both. For example, to map buttons 0 to 3
and buttons 4 to 7 on AOI-B, write the following value to the AoiPwmBtnMap register
AoiCfg = 0xAA55;
AoiLevelBtn0,
AoiLevelBtn1,
AoiLevelBtn2,
AoiLevelBtn3,
AoiLevelBtn4,
AoiLevelBtn5,
AoiLevelBtn6,
AoiLevelBtn7, AoiLevelIdle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com