Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8661Z Datasheet(PDF) 20 Page - Semtech Corporation

Part # SX8661Z
Description  Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661Z Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SX8661Z Datasheet HTML 16Page - Semtech Corporation SX8661Z Datasheet HTML 17Page - Semtech Corporation SX8661Z Datasheet HTML 18Page - Semtech Corporation SX8661Z Datasheet HTML 19Page - Semtech Corporation SX8661Z Datasheet HTML 20Page - Semtech Corporation SX8661Z Datasheet HTML 21Page - Semtech Corporation SX8661Z Datasheet HTML 22Page - Semtech Corporation SX8661Z Datasheet HTML 23Page - Semtech Corporation SX8661Z Datasheet HTML 24Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 87 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v4.0, February 2016
© 2012 Semtech Corp.
www.semtech.com
20
SX8661Z
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
switches
cap2
cap6
cap7
cap1
cap0
analog
multi-
plexor
Offset
compensation
DAC
ADC
ticks (raw)
compensation
DCV
ASI
processing
Cint
voltage
reference
Figure 16
Analog Sensor Interface
To get the ticks representing the charge on a specific sensor the ASI will execute several steps.
The charge on a sensor cap (e.g CAP0) will be accumulated multiple times on the external integration capacitor,
Cint.
This results in an increasing voltage on Cint proportional to the capacitance on CAP0.
At this stage the offset compensation DAC is enabled. The compensation DAC generates a voltage proportional
to an estimation of the external capacitance. The estimation is obtained by the offset compensation procedure
executed e.g. at power-up.
The difference between the DAC output and the charge on Cint is the desired signal. In the ideal case the
difference of charge will be converted to zero ticks if no finger is present and the number of ticks becomes high in
case a finger is present.
The difference of charge on Cint and the DAC output will be transferred to the ADC (Sigma Delta Integrator).
After the charge transfer to the ADC the steps above will be repeated.
The larger the number the cycles are repeated the larger the signal out of the ADC with improved SNR. The
sensitivity is therefore directly related to the number of cycles.
The SX8661Z allows setting the sensitivity for each sensor individually in applications which have a variety of
sensors sizes or different overlays or for fine-tuning performances. The optimal sensitivity is depending heavily on
the final application. If the sensitivity is too low the ticks will not pass the thresholds and touch/proximity detection
will not be possible. In case the sensitivity is set too large, some power will be wasted and false touch/proximity
information may be output (i.e. for touch buttons => finger not touching yet, for proximity sensors => finger/hand
not close enough).
Once the ASI has finished the first sensor, the ticks are stored and the ASI will start measuring the next sensor
until all (enabled) sensors pins have been treated.
In case some sensors are disabled then these result in lower power consumption simply because the ASI is active
for a shorter period and the following processing period will be shorter.
The ticks from the ASI will then be handled by the digital processing.
The ASI will shut down and wait until new sensing period will start.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com