Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8661Z Datasheet(PDF) 47 Page - Semtech Corporation

Part # SX8661Z
Description  Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661Z Datasheet(HTML) 47 Page - Semtech Corporation

Back Button SX8661Z Datasheet HTML 43Page - Semtech Corporation SX8661Z Datasheet HTML 44Page - Semtech Corporation SX8661Z Datasheet HTML 45Page - Semtech Corporation SX8661Z Datasheet HTML 46Page - Semtech Corporation SX8661Z Datasheet HTML 47Page - Semtech Corporation SX8661Z Datasheet HTML 48Page - Semtech Corporation SX8661Z Datasheet HTML 49Page - Semtech Corporation SX8661Z Datasheet HTML 50Page - Semtech Corporation SX8661Z Datasheet HTML 51Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 87 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v4.0, February 2016
© 2012 Semtech Corp.
www.semtech.com
47
SX8661Z
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
SX8661Z
cap1 (button1)
cap4 (disabled)
cap2 (button2)
cap3 (button3)
cap5 (disabled)
cap6 (disabled)
SX8661Z
cap1 (button1)
cap6 (button6)
cap3 (button3)
cap2 (disabled)
cap4 (disabled)
cap5 (disabled)
cap0 (proximity)
cap0 (proximity)
Figure 50
Button examples
CapSensitivity0_1, CapSensitivity2_3, CapSensitivity4_5, CapSensitivity6_7, CapProxEnable:
The sensitivity of the sensors can be set between 8 values. The higher the sensitivity is set the larger the value
of the ticks will be.
The minimum sensitivity can be used for thin overlay materials and large sensors, while the maximum
sensitivity is required for thicker overlay and smaller sensors or proximity sensing.
The required sensitivity needs to be determined during a product development phase. Too low sensitivity
settings result in missing touches. Too high sensitivity settings will result in fault detection of fingers hovering
above the touch sensors.
The sensitivity is identical for all sensors in common sensitivity mode using the bits CapSensitivity0_1[7:4] and
can be set individually using register CapModeMisc[2:0].
The maximum number of ticks that can be obtained depends on the selected sensitivity and if proximity sensing is
enabled. This is illustrated in Table 17.
Sensitivity
Approximate
Maximum Tick Level
(CapProxEnable = OFF)
Approximate
Maximum Tick Level
(CapProxEnable = ON)
0
1000
4000
1
2000
8000
2
3000
12000
3
4000
16000
4
5000
20000
5
6000
24000
6
7000
28000
7
8000
32000
Table 17
ASI Maximum Tick Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com