Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8661Z Datasheet(PDF) 30 Page - Semtech Corporation

Part # SX8661Z
Description  Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661Z Datasheet(HTML) 30 Page - Semtech Corporation

Back Button SX8661Z Datasheet HTML 26Page - Semtech Corporation SX8661Z Datasheet HTML 27Page - Semtech Corporation SX8661Z Datasheet HTML 28Page - Semtech Corporation SX8661Z Datasheet HTML 29Page - Semtech Corporation SX8661Z Datasheet HTML 30Page - Semtech Corporation SX8661Z Datasheet HTML 31Page - Semtech Corporation SX8661Z Datasheet HTML 32Page - Semtech Corporation SX8661Z Datasheet HTML 33Page - Semtech Corporation SX8661Z Datasheet HTML 34Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 87 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v4.0, February 2016
© 2012 Semtech Corp.
www.semtech.com
30
SX8661Z
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
3.17.2 GPO Dual Reporting
GPIOs configured as GPO will operate as digital outputs which can generate both standard low/high logic levels
and PWM low/high duty cycles levels. Typical application is LED ON/OFF control. This is the dual reporting mode.
The SX8661Z offers additionally a triple reporting mode which allows the reporting of proximity by a medium
strong LED intensity (section 3.17.5).
Transitions between ON and OFF states can be triggered either automatically in Autolight mode or manually by
the host. This is illustrated in figures below.
I2C
OFF
ON
OFF
SX8661
HOST
SX8661
HOST
GpoCtrl = 1
I2C
GpoCtrl = 0
Figure 29
LED Control in GPO mode, Autolight OFF
OFF
ON
OFF
Figure 30
LED Control in GPO mode, Autolight ON (mapped to Button)
Additionally these transitions can be configured to be done with or without fading following a logarithmic or linear
function. This is illustrated in figures below.
time
intensity ON
intensity OFF
fading steps
inc. time
time
intensity ON
intensity OFF
fading steps
inc. time
(a)
(b)
trigger
trigger
Figure 31
GPO ON transition (LED fade in), normal polarity, (a) linear, (b) logarithmic
time
intensity ON
intensity OFF
fading steps
inc. time
time
intensity ON
intensity OFF
fading steps
inc. time
(a)
(b)
trigger
trigger
Figure 32
GPO ON transition (LED fade in), inverted polarity, (a) linear, (b) logarithmic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com