Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8661Z Datasheet(PDF) 49 Page - Semtech Corporation

Part # SX8661Z
Description  Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661Z Datasheet(HTML) 49 Page - Semtech Corporation

Back Button SX8661Z Datasheet HTML 45Page - Semtech Corporation SX8661Z Datasheet HTML 46Page - Semtech Corporation SX8661Z Datasheet HTML 47Page - Semtech Corporation SX8661Z Datasheet HTML 48Page - Semtech Corporation SX8661Z Datasheet HTML 49Page - Semtech Corporation SX8661Z Datasheet HTML 50Page - Semtech Corporation SX8661Z Datasheet HTML 51Page - Semtech Corporation SX8661Z Datasheet HTML 52Page - Semtech Corporation SX8661Z Datasheet HTML 53Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 87 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v4.0, February 2016
© 2012 Semtech Corp.
www.semtech.com
49
SX8661Z
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
5.4
Proximity Parameters
Proximity Parameters
Address
Name
Bits
Description
0x1C
ProxIncDecTime
7:4
Defines the time between each increment.
0x0: instantaneous
0x1: 0.5ms
0x2: 1ms
…
0xF: 7.5ms
3:0
Defines the time between each decrement.
0x0: instantaneous
0x1: 0.5ms
0x2: 1ms
…
0x4: 2ms
…
0xF: 7.5ms
0x1D
ProxCfg
7:4
Defines the delay between release and start of fading out.
0x0: instantaneous
0x1: 200 ms
0x2: 400 ms
0x3: 600ms
…
0xA: 2s
0xB: 4s
…
0xF: 12s
3:2
Reserved (0x00)
1
Defines the fading increment factor.
0: intensity index incremented every increment time
1: intensity index incremented every 16 increment times
0
Defines the fading decrement factor.
0: intensity index decremented every decrement time
1: intensity index decremented every 16 decrement times
0x1E
ProxDebounce
7:4
Reserved (0x00)
3:2
Defines the number of samples at the scan period for determining proximity release.
00 : no debounce, use incoming sample
01 : 2 samples debounce
10 : 3 samples debounce
11 : 4 samples debounce
1:0
Defines the number of samples at the scan period for determining proximity detection.
00 : no debounce, use incoming sample
01 : 2 samples debounce
10 : 3 samples debounce
11 : 4 samples debounce
0x1F
ProxHysteresis
7:0
Defines the proximity hysteresis corresponding to a percentage of the CAP0 threshold
(defined in Table 14).
0x00: 0%
0x01: 1%
…
0x0A: 10%
…
0x64: 100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com