Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8661Z Datasheet(PDF) 1 Page - Semtech Corporation

Part # SX8661Z
Description  Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661Z Datasheet(HTML) 1 Page - Semtech Corporation

  SX8661Z Datasheet HTML 1Page - Semtech Corporation SX8661Z Datasheet HTML 2Page - Semtech Corporation SX8661Z Datasheet HTML 3Page - Semtech Corporation SX8661Z Datasheet HTML 4Page - Semtech Corporation SX8661Z Datasheet HTML 5Page - Semtech Corporation SX8661Z Datasheet HTML 6Page - Semtech Corporation SX8661Z Datasheet HTML 7Page - Semtech Corporation SX8661Z Datasheet HTML 8Page - Semtech Corporation SX8661Z Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 87 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v4.0, February 2016
© 2012 Semtech Corp.
www.semtech.com
1
SX8661Z
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
GENERAL DESCRIPTION
The SX8661Z is an ultra low power, fully integrated
8-channel solution for capacitive touch-button and
proximity
detection
applications.
Unlike
many
capacitive touch solutions, the SX8661Z features
dedicated capacitive sense inputs (that requires no
external components) in addition to 8 general
purpose I/O ports (GPIO). Each of the 8 on-chip
GPIO/LED driver is equipped with independent PWM
source for enhanced visual effect such as dimming,
and breathing.
The SX8661Z includes a capacitive 10 bit ADC
analog interface with automatic compensation up to
100pF.
The
high
resolution
capacitive
sensing
supports a wide variety of touch pad sizes and
shapes and allows capacitive buttons to be created
using thick overlay materials (up to 5mm) for an
extremely robust and ESD immune system design.
The SX8661Z incorporates a versatile firmware that
was specially designed to simplify capacitive touch
solution design and offers reduced time-to-market.
Integrated
multi-time
programmable
memory
provides the ultimate flexibility to modify key firmware
parameters (gain, threshold, scan period, auto offset
compensation) in the field without the need for new
firmware development.
The SX8661Z supports the 400 kHz I²C serial bus
data protocol and includes a field programmable
slave address. The tiny 4mm x 4mm footprint makes
it an ideal solution for portable, battery powered
applications where power and density are at a
premium.
TYPICAL APPLICATION CIRCUIT
SX8661Z
cap2
cap3
cap4
cap5
cap6
cap7
gnd
gpo5
gpo4
gpo3
gpo2
gpo1
gnd
gpo0
analog
sensor
interface
micro
processor
RAM
ROM
NVM
I2C
GPIO
controller
power management
clock
generation
RC
PWM
LED
controller
bottom plate
cap0
cap1
d1
d0
d2
d3
d4
d6
mother board
Analog Output Interface
d5
KEY PRODUCT FEATURES
 Complete 8 Sensors Capacitive Touch-Button Solution
o
Up to 8 LED Drivers for individual Visual Feedback with
Auto Lightening
o
Configurable Single or Continuous Fading Mode
o
256 steps PWM Linear and Logarithmic control
 Proximity Sensing up to several centimetres
 High Resolution Capacitive Sensing
o
Up to 100pF of Offset Cap. Compensation at Full
Sensitivity
o
Capable of Sensing up thru 5mm thick Overlay Materials
 Up to 2 Analog Output Interfaces (AOI-A and AOI-B)
o
Enable button detection thru host’s ADC
 Support of buzzer for audible feedback
 User-selectable Button Reporting Configuration
o
Report Single or Report Strongest
 Extremely Low Power
o
8uA (typ) in Sleep Mode
o
70uA (typ) in Doze Mode (195ms)
o
200uA (typ) in Active Mode (30ms)
 Programmable Scanning Period from 15ms to several seconds
 Auto Offset Compensation
o
Eliminates false triggers due to environmental factors
(temperature, humidity)
o
Initiated on power-up and configurable intervals
 Multi-Time In-Field Programmable Firmware Parameters
for Ultimate Flexibility
o
On-chip user programmable memory for fast, self
contained start-up
 No External Components per Sensor Input
 Internal Clock Requires No External Components
 Differential Sensor Sampling for Reduced EMI
 Optional 400 KHz I²C Interface with Programmable Address
 -40°C to +85°C Operation
APPLICATIONS
 LCD TVs, Monitors
 White Goods
 Notebook/Netbook/Portable/Handheld computers
 Consumer Products, Instrumentation, Automotive
 Mechanical Button Replacement
ORDERING INFORMATION
Part Number
Temperature
Range
Package
SX8661I07ZULTRT
1 -40°C to +85°C Lead Free MLPQ-UT28
1 3000 Units/reel
* This device is RoHS/WEEE compliant and Halogen Free


Similar Part No. - SX8661Z

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8661 SEMTECH-SX8661 Datasheet
1Mb / 88P
Low Power, Capacitive Button Touch and Proximity Controller
SX8661I07AULTRT SEMTECH-SX8661I07AULTRT Datasheet
1Mb / 88P
Low Power, Capacitive Button Touch and Proximity Controller
More results

Similar Description - SX8661Z

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8644 SEMTECH-SX8644 Datasheet
690Kb / 76P
Ultra Low Power, Capacitive Button and Slider Touch Controller (12 sensors) with Enhanced LED Drivers
SX8645 SEMTECH-SX8645 Datasheet
720Kb / 76P
Ultra Low Power, Capacitive Button and Wheel Touch Controller (12 sensors) with Enhanced LED Drivers
SX8648 SEMTECH-SX8648 Datasheet
672Kb / 76P
Ultra Low Power, Capacitive Button and Slider Touch Controller (8 sensors) with Enhanced LED Drivers
SX8649 SEMTECH-SX8649 Datasheet
716Kb / 77P
Ultra Low Power, Capacitive Button and Wheel Touch Controller (8 sensors) with Enhanced LED Drivers
SX8660 SEMTECH-SX8660 Datasheet
755Kb / 75P
Ultra Low Power, Capacitive Button Touch Controller (8 sensors) with Enhanced LED Drivers and Analog Output
SX8639 SEMTECH-SX8639 Datasheet
1Mb / 81P
Low Power, Capacitive Button and Wheel Touch Controller
SX8661 SEMTECH-SX8661 Datasheet
1Mb / 88P
Low Power, Capacitive Button Touch and Proximity Controller
SX8634 SEMTECH-SX8634 Datasheet
1,005Kb / 80P
Low Power, Capacitive Button and Slider Touch Controller with Enhanced LED
SX8635 SEMTECH-SX8635 Datasheet
1Mb / 81P
Low Power, Capacitive Button and Wheel Touch Controller with Enhanced LED
SX8638 SEMTECH-SX8638 Datasheet
1Mb / 81P
Low Power, Capacitive Button and Slider Touch Controller (8 sensors) with Enhanced LED Drivers and Proximity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com