Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8661Z Datasheet(PDF) 59 Page - Semtech Corporation

Part # SX8661Z
Description  Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661Z Datasheet(HTML) 59 Page - Semtech Corporation

Back Button SX8661Z Datasheet HTML 55Page - Semtech Corporation SX8661Z Datasheet HTML 56Page - Semtech Corporation SX8661Z Datasheet HTML 57Page - Semtech Corporation SX8661Z Datasheet HTML 58Page - Semtech Corporation SX8661Z Datasheet HTML 59Page - Semtech Corporation SX8661Z Datasheet HTML 60Page - Semtech Corporation SX8661Z Datasheet HTML 61Page - Semtech Corporation SX8661Z Datasheet HTML 62Page - Semtech Corporation SX8661Z Datasheet HTML 63Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 87 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v4.0, February 2016
© 2012 Semtech Corp.
www.semtech.com
59
SX8661Z
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
5.7
Buzzer Parameters
Buzzer
Parameters
Address
Name
Bits
Description
0x37
BuzzerCfg
7:6
Defines the phase 1 duration.
0x00: ~ 5ms
0x01: ~ 10ms
0x02: ~ 15ms
0x03: ~ 30ms
5:4
Defines the phase 2 duration.
0x00: ~ 5ms
0x01: ~ 10ms
0x02: ~ 15ms
0x03: ~ 30ms
3
Defines the buzzer idle level (BuzzerLevelIdle).
0x0: min level (0V)
0x1: max level (VDD)
2:0
Defines the buzzer pwm prescaler value.
0x38
BuzzerFreqPhase1
7:0
Defines the frequency for the first phase of the buzzer.
freq ≈ 4MHz /(2^prescaler * BuzzerFreqPhase1)
0x39
BuzzerFreqPhase2
7:0
Defines the frequency for the second phase of the buzzer.
freq ≈ 4MHz /(2^prescaler * BuzzerFreqPhase2)
0x3A
Reserved
7:0
Reserved (0x00)
Table 22
Buzzer Parameters
The buzzer parameters are described in section 3.6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com