Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8661Z Datasheet(PDF) 29 Page - Semtech Corporation

Part # SX8661Z
Description  Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661Z Datasheet(HTML) 29 Page - Semtech Corporation

Back Button SX8661Z Datasheet HTML 25Page - Semtech Corporation SX8661Z Datasheet HTML 26Page - Semtech Corporation SX8661Z Datasheet HTML 27Page - Semtech Corporation SX8661Z Datasheet HTML 28Page - Semtech Corporation SX8661Z Datasheet HTML 29Page - Semtech Corporation SX8661Z Datasheet HTML 30Page - Semtech Corporation SX8661Z Datasheet HTML 31Page - Semtech Corporation SX8661Z Datasheet HTML 32Page - Semtech Corporation SX8661Z Datasheet HTML 33Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 87 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v4.0, February 2016
© 2012 Semtech Corp.
www.semtech.com
29
SX8661Z
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
I2C
0%
50%
100%
SX8661
HOST
SX8661
HOST
GppIntensity = 0x7F
I2C
GppIntensity = 0xFF
Figure 28
LED control in GPP mode
SPM/I2C parameters applicable in GPP mode are listed in table below. Please refer to the relevant SPM/I2C
parameters sections for more details.
GPP
SPM
GpioMode
X
GpioOutPwrUp
X
1
GpioPolarity
X
GpioIntensityOn
X
1
GpioIntensityOff
X
1
GpioFunction
X
I2C
GppPinId
X
GppIntensity
X
1
1
At power up, GppIntensity of each GPP pin is initialized with GpioIntensityOn or GpioIntensityOff depending on GpioOutPwrUp
corresponding bits value.
Table 8
SPM/I2C Parameters Applicable in GPP Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com