Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8661Z Datasheet(PDF) 63 Page - Semtech Corporation

Part # SX8661Z
Description  Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661Z Datasheet(HTML) 63 Page - Semtech Corporation

Back Button SX8661Z Datasheet HTML 59Page - Semtech Corporation SX8661Z Datasheet HTML 60Page - Semtech Corporation SX8661Z Datasheet HTML 61Page - Semtech Corporation SX8661Z Datasheet HTML 62Page - Semtech Corporation SX8661Z Datasheet HTML 63Page - Semtech Corporation SX8661Z Datasheet HTML 64Page - Semtech Corporation SX8661Z Datasheet HTML 65Page - Semtech Corporation SX8661Z Datasheet HTML 66Page - Semtech Corporation SX8661Z Datasheet HTML 67Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 87 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v4.0, February 2016
© 2012 Semtech Corp.
www.semtech.com
63
SX8661Z
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
GPIO Parameters
Address
Name
Bits Description
1: Normal
0x59
GpioFunction
7:0
Defines the intensity index vs PWM pulse width function.
0: Logarithmic
1: Linear
0x5A
GpioIncFactor
7:0
Defines the fading increment factor.
0: intensity index incremented every increment time
1: intensity index incremented every 16 increment times
0x5B
GpioDecFactor
7:0
Defines the fading decrement factor.
0: intensity index decremented every decrement time
1: intensity index decremented every 16 decrement times
0x5C
GpioIncTime7_6
7:4
GPIO[7] Fading Increment Time
Defines the fading increment time.
0x0: OFF
0x1: 0.5ms
0x2: 1ms
…
0xF: 7.5ms
The total fading in time will be:
GpioIncTime*GpioIncFactor*
(GpioIntensityOn – GpioIntensityOff)
3:0
GPIO[6] Fading Increment Time
0x5D
GpioIncTime5_4
7:4
GPIO[5] Fading Increment Time
3:0
GPIO[4] Fading Increment Time
0x5E
GpioIncTime3_2
7:4
GPIO[3] Fading Increment Time
3:0
GPIO[2] Fading Increment Time
0x5F
GpioIncTime1_0
7:4
GPIO[1] Fading Increment Time
3:0
GPIO[0] Fading Increment Time
0x60
GpioDecTime7_6
7:4
GPIO[7] Fading Decrement Time
Defines the fading decrement time.
0x0: OFF
0x1: 0.5ms
0x2: 1ms
…
0x4: 2.0ms
…
0xF: 7.5ms
The total fading out time will be:
GpioDecTime*GpioDecFactor*
(GpioIntensityOn – GpioIntensityOff)
3:0
GPIO[6] Fading Decrement Time
0x61
GpioDecTime5_4
7:4
GPIO[5] Fading Decrement Time
3:0
GPIO[4] Fading Decrement Time
0x62
GpioDecTime3_2
7:4
GPIO[3] Fading Decrement Time
3:0
GPIO[2] Fading Decrement Time
0x63
GpioDecTime1_0
7:4
GPIO[1] Fading Decrement Time
3:0
GPIO[0] Fading Decrement Time
0x64
GpioOffDelay7_6
7:4
GPIO[7] OFF Delay
Single Fading Mode
Defines the delay between release and start
of fading out.
0x0: instantaneous
0x1: 200 ms
0x2: 400 ms
0x3: 600ms
…
0xA: 2s
0xB: 4s
…
0xF: 12s
3:0
GPIO[6] OFF Delay
0x65
GpioOffDelay5_4
7:4
GPIO[5] OFF Delay
3:0
GPIO[4] OFF Delay
0x66
GpioOffDelay3_2
7:4
GPIO[3] OFF Delay
3:0
GPIO[2] OFF Delay
0x67
GpioOffDelay1_0
7:4
GPIO[1] OFF Delay
3:0
GPIO[0] OFF Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com