Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8661Z Datasheet(PDF) 41 Page - Semtech Corporation

Part # SX8661Z
Description  Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661Z Datasheet(HTML) 41 Page - Semtech Corporation

Back Button SX8661Z Datasheet HTML 37Page - Semtech Corporation SX8661Z Datasheet HTML 38Page - Semtech Corporation SX8661Z Datasheet HTML 39Page - Semtech Corporation SX8661Z Datasheet HTML 40Page - Semtech Corporation SX8661Z Datasheet HTML 41Page - Semtech Corporation SX8661Z Datasheet HTML 42Page - Semtech Corporation SX8661Z Datasheet HTML 43Page - Semtech Corporation SX8661Z Datasheet HTML 44Page - Semtech Corporation SX8661Z Datasheet HTML 45Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 87 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v4.0, February 2016
© 2012 Semtech Corp.
www.semtech.com
41
SX8661Z
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
5
DETAILED CONFIGURATION DESCRIPTIONS
5.1
Introduction
The SX8661Z configuration parameters are taken from the QSM or the NVM and loaded into the SPM as
explained in the chapter ‘functional description’.
This chapter describes the details of the configuration parameters of the SX8661Z.
The SPM is split by functionality into 5 configuration sections:
• General section: operating modes,
• Capacitive Sensors section: related to lower level capacitive sensing,
• Proximity: defining parameters related to proximity sensing
• Button: related to the conversion from sensor data towards button information,
• AOI: defining parameters for the AOI
• Buzzer: defining parameters for the AOI
• Mapping: related to mapping of button information towards GPIO pins,
• GPIO: related to the setup of the GPIO pins.
The total address space of the SPM and the NVM is 128 bytes, from address 0x00 to address 0x7F.
Two types of memory addresses, data are accessible to the user.
• ‘application data’: Application dependent data that need to be configured by the user.
• ‘reserved’: Data that need to be maintained by the user to the QSM default values (i.e. when NVM is burned).
The Table 11 and Table 12 resume the complete SPM address space and show the ‘application data’ and
‘reserved’ addresses.
The SX8661Z has the first NVM burned and hence powers-up with the NVM1 settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com