Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPR
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button BQ76PL536APAPR Datasheet HTML 12Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 13Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 14Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 15Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 16Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 17Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 18Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 19Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 74 page
background image
5V LDO
(User Circuitry)
VC2
14 bit
ADC
VC1
VC3
VC4
VC5
VC6
CB2
CB1
CB3
CB4
CB5
CB6
LDO-A
LDO-D
VC0
REF2
OV
UV
OV
UV
OV
UV
OV
UV
OV
UV
OV
UV
+
-
TS1–
TS1+
TS2–
TS2+
OT1
OT2
VREF
2.5V
FAULT _S
SCLK_S
SDI_S
SDO_S
CS_S
ALERT_S
CONV_S
DRDY_S
FAULT _N
SCLK_N
SDI_N
SDO_N
CS_N
ALERT_N
CONV_N
DRDY_N
FAULT _H
SCLK_H
SDI_H
SDO_H
CS_H
ALERT_H
CONV_H
DRDY_H
THERMAL
SHUTDOWN
1.25V REF2
DIGITAL
CONTROL
LOGIC
REGISTERS
EPROM
OSC
LEVEL-
SHIFTED
SOUTH
COMM’s
INTERFACE
LEVEL-
SHIFTED
NORTH
COMM’s
INTERFACE
ANALOG
COMMUNICATIONS
POWER
DIGITAL
PROTECTOR
bq76PL536A
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
www.ti.com
7 Detailed Description
7.1 Overview
The bq76PL536A (Functional Block Diagram) is a 3-to-6 series Lithium-ion battery monitor, secondary protector
and analog front end (AFE) that can be stacked vertically to monitor up to 192 cells without the need for
additional isolation components between ICs.
This device incorporates a precision analog-to-digital converter (ADC); independent cell voltage and temperature
protection; cell balancing, and precision 5-V regulator to power user circuitry. The bq76PL536A additionally
provides full (secondary) protection for overvoltage, undervoltage, and overtemperature conditions.
7.2 Functional Block Diagram
16
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com