Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPR Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPR
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPR Datasheet(HTML) 45 Page - Texas Instruments

Back Button BQ76PL536APAPR Datasheet HTML 41Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 42Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 43Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 44Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 45Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 46Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 47Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 48Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 74 page
background image
bq76PL536A
www.ti.com
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
7.6.14 ADC_CONTROL Register (0x30)
The ADC_CONTROL register controls some features of the bq76PL536A.
Figure 37. ADC_CONTROL Register
7
6
5
4
3
2
1
0
Reserved
ADC_ON
TS2
TS1
GPAI
CELL_SEL[2]
CELL_SEL[1]
CELL_SEL[0]
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 11. ADC_CONTROL Register Field Descriptions
Bit
Field
Type
Reset
Description
7
Reserved
Must be written as 0.
6
ADC_ON
This bit forces the ADC subsystem ON. This has the effect of
eliminating internal start-up and settling delays, but increases
current consumption.
0 = Auto mode. ADC subsystem is OFF until a conversion is
requested. The ADC is turned on, a wait is applied to allow the
reference to stabilize. Automatically returns to OFF state at end
of requested conversion. Note that there is a start-up delay
associated with turning the ADC to the ON state in this mode.
1 = ADC subsystem is ON, regardless of conversion state.
Power consumption is increased.
5-4
TS[1]..[0]
These two bits select whether any of the temperature sensor
inputs are to be measured on the next conversion sequence
start. Refer to Table 12.
3
GPAI
This bit enables and disables the GPAI input to be measured on
the next conversion-sequence start.
0 = GPAI is not selected for measurement.
1 = GPAI is selected for measurement.
2-0
CELL_SEL[2]..[0]
These three bits select the series cells for voltage measurement
translation on the next conversion sequence start. Refer to
Table 13.
Table 12. Temperature sensor Inputs
TS[1]
TS[0]
MEASURE T
0
0
None (default)
0
1
TS1
1
0
TS2
1
1
Both
Table 13. Series Cells for Voltage Measurement Translation
CELL_SEL[2]
CELL_SEL[1]
CELL_SEL[0]
SELECTED CELL
0
0
0
Cell 1 only
0
0
1
Cells 1-2
0
1
0
Cells 1-2-3
0
1
1
Cells 1-2-3-4
1
0
0
Cells 1-2-3-4-5
1
0
1
Cells 1-2-3-4-5-6
Other
Cell 1 only
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com