Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPR Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPR
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPR Datasheet(HTML) 40 Page - Texas Instruments

Back Button BQ76PL536APAPR Datasheet HTML 36Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 37Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 38Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 39Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 40Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 41Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 42Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 43Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 74 page
background image
bq76PL536A
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
www.ti.com
7.6.3 Register Details
7.6.3.1 DEVICE_STATUS Register (0x00)
The STATUS register provides information about the current state of the bq76PL536A.
Figure 26. DEVICE_STATUS Register
7
6
5
4
3
2
1
0
ADDR_RQST
FAULT
ALERT
Reserved
ECC_COR
UVLO
CBT
DRDY
Table 6. DEVICE_STATUS Register Field Descriptions
Bit
Field
Type
Reset
Description
7
ADDR_RQST
This bit is written to indicate that the ADDR[0]…[5] bits have
been written to the correct address. This bit is a copy of in the
ADDRESS_CONTROL[AR] bit.
0 = Address has not been assigned
1 = Address has been assigned
6
FAULT
This bit indicates that this bq76PL536A has detected a condition
causing the FAULT signal to become asserted.
0 = No FAULT exists
1 = A FAULT exists. Read FAULT_STATUS to determine the
cause.
5
ALERT
This bit indicates that this bq76PL536A has detected a condition
causing the ALERT pin to become asserted.
0 = No ALERT exists
1 = An ALERT exists. Read ALERT_STATUS to determine the
cause.
4
Reserved
3
ECC_COR
This bit indicates a one-bit error has been detected and
corrected in the EPROM.
0 = No errors are detected in the EPROM
1 = A one-bit (single bit) error has been detected and corrected
by on-chip logic.
2
UVLO
This bit indicates the device VBAT has fallen below the
undervoltage lockout trip point. Some device operations are not
valid in this condition.
0 = Normal operation
1 = UVLO trip point reached, device operation is not ensured.
1
CBT
This bit indicates the cell balance timer is running.
0 = The cell balance timer is has not started or has expired.
1 = The cell balance timer is running.
0
DRDY
This bit indicates the data is ready to read (no conversions
active).
0 = There are conversions running.
1 = There are no conversions running.
40
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com