Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPR Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPR
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPR Datasheet(HTML) 60 Page - Texas Instruments

Back Button BQ76PL536APAPR Datasheet HTML 56Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 57Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 58Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 59Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 60Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 61Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 62Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 63Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 74 page
background image
T1
T2
CELL 6 +
CELL 5 +
CELL 4 +
CELL 3 +
CELL 2 +
CELL 1 +
CELL 1 -
T1
T2
CELL 6 +
CELL 5 +
CELL 4 +
CELL 3 +
CELL 2 +
CELL 1 +
CELL 1 -
**
**
**
**
**
**
**
**
**
**
**
**
THERMISTOR NTC 10K OHM 1% 0603
PANASONIC PART NUMBER # ERT-J1VG103FA
** - Locate these components
very close to bq76PL536 IC.
CAUTION
HIGH VOLTAGE
CAUTION
HIGH VOLTAGE
GROUND PLANE OF CIRCUIT 3
GROUND PLANE OF CIRCUIT 2
EXTEND THE GROUND PLANE
UNDER THE SOUTH COMM LINES
TO JUST BELOW THE NORTH
COMM PINS OF THE CHIP BELOW
GROUND PLANE OF CIRCUIT 2
*
*
*
*
*
*
*
*
* - Typical value shown. Actual value depends on
number of IC's in stack, wiring, etc.
Consult applications guide for recommended values.
C63
CAP0805
2.2uf 10V
C61
CAP0805
2.2uf 10V
C71
CAP0805
2.2uf 10V
C60
CAP1206
10uf 10V
Q10
SOT-23
FDN359AN
R98
RES2512
47
R99
RES0603
1.0K 1%
1
VC6
2
CB6
3
VC5
4
CB5
5
VC4
6
CB4
7
VC3
8
CB3
9
VC2
10
CB2
11
VC1
12
CB1
13
VC0
15
AGND
16
VREF
17
LDOA
18
LDOD1
19
TS1-
20
TS1+
30
NC1
36
CONV_H
37
DRDY_H
38
ALERT_H
39
FAULT_H
40
SCLK_H
41
SDO_H
42
SDI_H
43
CS_H
45
GPIO
46
LDOD2
47
GPAI-
48
GPAI+
51
NC2
60
TS2-
61
TS2+
62
NC3
63
BAT1
64
BAT2
U2
bq76PL536
Q11
SOT-23
FDN359AN
R104
RES2512
47
R109
RES0603
1.0K 1%
Q13
SOT-23
FDN359AN
R114
RES2512
47
R117
RES0603
1.0K 1%
Q14
SOT-23
FDN359AN
R121
RES2512
47
R128
RES0603
1.0K 1%
Q15
SOT-23
FDN359AN
R132
RES2512
47
R135
RES0603
1.0K 1%
Q16
SOT-23
FDN359AN
R139
RES2512
47
R140
RES0603
1.0K 1%
Z24
5.1 VDC 500mW
SOD-123
Z22
5.1 VDC 500mW
SOD-123
Z20
5.1 VDC 500mW
SOD-123
Z18
5.1 VDC 500mW
SOD-123
Z16
5.1 VDC 500mW
SOD-123
Z14
5.1 VDC 500mW
SOD-123
C75
CAP0603
0.1uf 50V
R136
RES0603
1M 1%
R129
RES0603
1M 1%
R119
RES0603
1M 1%
R110
RES0603
1M 1%
R100
RES0603
1M 1%
R94
RES0603
1M 1%
C69
CAP0603
0.1uf 50V
C81
CAP0603
0.1uf 50V
C76
CAP0603
0.1uf 50V
C72
CAP0603
0.1uf 50V
C65
CAP0603
0.1uf 50V
C58
CAP0603
0.1uf 50V
C54
CAP0603
0.1uf 50V
R157
NTC0603
B=3435K
10K 1%
R158
NTC0603
B=3435K
10K 1%
C78
CAP0603
0.047uf 16V
C59
CAP0603
0.047uf 16V
R134
1.47K 1%
RES0603
R103
1.47K 1%
RES0603
R131
1.82K 1%
RES0603
R107
1.82K 1%
RES0603
Q12
2N7002LT1
SOT-23
R106
RES0603
100
R102
RES0603
2.7K
D4
LTW-C192TL2
White LED
R105
100K
RES0603
TP-VPROG2
R95
RES0603
1.0K 1%
R101
RES0603
1.0K 1%
R111
RES0603
1.0K 1%
R120
RES0603
1.0K 1%
R130
RES0603
1.0K 1%
R137
RES0603
1.0K 1%
C62
CAP0603
0.1uf 50V
Z25
5.1VDC
SOD-323
Z23
5.1VDC
SOD-323
Z21
5.1VDC
SOD-323
Z19
5.1VDC
SOD-323
Z17
5.1VDC
SOD-323
Z15
5.1VDC
SOD-323
C66
CAP0603
0.1uf 50V
C67
CAP0603
0.1uf 50V
C68
CAP0603
0.1uf 50V
C70
CAP0603
0.1uf 50V
C73
CAP0603
0.1uf 50V
C74
CAP0603
0.1uf 50V
TP-VSS2
C82
CAP0603
33pF 50V
C83
CAP0603
33pF 50V
C80
CAP0603
33pF 50V
C79
CAP0603
33pF 50V
C57
CAP0603
33pF 50V
C55
CAP0603
33pF 50V
C53
CAP0603
1nF 50V
C56
CAP0603
1nF 50V
R1
0R0
RES0603
R3
0R0
RES0603
C8
CAP0603
DNP
C10
CAP0603
DNP
C11
CAP0603
DNP
2-CELL1
[1]
2-CELL2
[1]
2-CELL3
[1]
2-CELL4
[1]
2-CELL5
[1]
2-CELL6
[1]
2-VSS
[1,3]
2-VSS
2-VSS
2-VSS
2-VSS
2-VSS
2-VSS
2-LDOA
2-VSS
2-LDOD
[3]
2-VSS
2-VSS
2-VSS
2-VSS
2-VSS
2-VBAT
[1]
2-VSS
2-LDOD[3]
2-VSS
2-VSS
2-VSS
2-VSS
2-VSS
2-VSS
bq76PL536A
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
www.ti.com
Other Schematics (continued)
Figure 64. Schematic (Page 3 of 4)
60
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com