Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPR Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPR
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPR Datasheet(HTML) 56 Page - Texas Instruments

Back Button BQ76PL536APAPR Datasheet HTML 52Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 53Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 54Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 55Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 56Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 57Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 58Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 59Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 74 page
background image
bq76PL536A
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
www.ti.com
8.2.1 Design Requirements
For this design example, use the parameters listed in Table 26.
Table 26. Design Parameters
PARAMETER
DESCRIPTION
EXAMPLE VALUE
UNIT
CEMI
EMI Capacitor
3300
pF
CFILT
Filter Capacitor
0.1
µF
CIN
Input Capacitor
0.1
µF
CREGOUT
REGOUT Capacitor
2.2 (minimum)
µF
CVDDA_1
Internal analog 5-V LDO bypass connection 1
2.2
µF
CVDDA_2
Internal analog 5-V LDO bypass connection 2
0.2
µF
Capacitor for internal digital 5-V LDO bypass
CVDD_D_1
2.2
µF
connection 1
Capacitor for internal digital 5-V LDO bypass
CVDD_D_2
0.2
µF
connection 2
CVREF
VREF Capacitor
10
µF
LEMI
EMI Ferrite Resistor
500
Ω
RBAL
Balance Resistor
47
Ω
RIN
Input Resistor
1
k
Ω
RPULL1-RPULL3
Pullup Resistors for digital open-drain I/O
10
k
Ω
Pullup Resistors for general-purpose (differential)
RPULL4-RPULL5
k
Ω
analog input (GPAI), connect to VSS if unused
8.2.2 Detailed Design Procedure
Use the following for the procedure for the recommended front-end circuit:
1. Select the RC filter closest to the cell for filter requirements. Additional poles can be added with a differential
capacitor to get very low fc.
2. ADC is calibrated to use RIN = 1 kΩ and CIN = 0.1 µF.
3. Select Zener diode for lowest possible reverse leakage.
4. A balance FET gate-protection diode is required (available internally).
5. Select the capacitors for LDO Filters according to Table 26.
–
LDO1 and LDO2 require a 2.2-µF ceramic capacitor for stability. These pins are tied together internally.
Tie LDO1 to LDOD2 externally.
6. For pullup supply, the following information applies:
(a) REG50 turns off in SLEEP mode
(b) Use LDOD for pullups in normal use
(c) Use REG50 for programming EEPROM (LDOD will see 7 V)
(d) Connect GPAI+ and GPA– to VSS if unused
7. Select low impedance and polarized connectors. Numbered or colored connectors are also good options.
8. Select the input Zener TVS so that it clamps below 5.6 Vdc, with low-leakage current, and must be able to
handle transient surge energy
9. Select capacitors based on temperature and environment with voltages well above the operating voltage
10. Select balancing MOSFETs according to the following:
(a) Low turn on threshold voltage (must turn on with the lowest cell voltage)
(b) Drain-to-source voltage and gate-to-source voltage
(c) Power dissipation
(d) Current based on selected bleed resistor value
11. Select the Bleed Resistor according to the following:
(a) Value based on desired current
(b) Wattage to handle the current and temperature rise such as 4.2 V × 47 = 0.089 A
∴ 0.37 W)
56
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com