Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPR
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPR Datasheet(HTML) 4 Page - Texas Instruments

  BQ76PL536APAPR Datasheet HTML 1Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 2Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 3Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 4Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 5Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 6Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 7Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 8Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 74 page
background image
12
14
39
37
35
AGND
VSS
15
34
VSS
VREF
16
33
VSS
VSS
VC0
CONV_H
13
36
DRDY_H
CB1
VC1
ALERT_H
11
38
CB2
FAULT_H
10
SCLK_H
9
40
VC2
SDO_H
8
41
CB3
SDI_H
7
42
VC3
CS_H
CB4
6
43
VC4
HSEL
5
44
CB5
GPIO
4
45
VC5
LDOD2
3
46
CB6
GPAI±
2
47
VC6
GPAI+
1
48
17
64
18
63
19
62
20
61
21
60
22
59
32
49
31
50
30
51
29
52
28
53
27
54
26
55
23
58
24
57
25
56
bq76PL536A
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
www.ti.com
5 Pin Configuration and Functions
PAP Package
64-Pin HTQFP
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
AGND
15
AI
Internal analog VREF (–)
ALERT_H
38
O
Host-to-device interface – ALERT condition detected in this or higher (North) device
ALERT_N
57
I
Current-mode input indicating a system status change from the next-higher bq76PL536A
ALERT_S
23
OD
Current-mode output indicating a system status change to the next lower bq76PL536A
AUX
31
O
Switched current-limited output from REG50
BAT1
63
P
Power-supply voltage, connect to most-positive cell +, tie to BAT2 on PCB
BAT2
64
P
Power-supply voltage, connect to most-positive cell +, tie to BAT1 on PCB
CB1
12
O
Cell-balance control output 1
CB2
10
O
Cell-balance control output 2
CB3
8
O
Cell-balance control output 3
CB4
6
O
Cell-balance control output 4
CB5
4
O
Cell-balance control output 5
CB6
2
O
Cell-balance control output 6
4
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com