Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPR
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ76PL536APAPR Datasheet HTML 3Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 4Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 5Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 6Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 7Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 8Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 9Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 10Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 74 page
background image
bq76PL536A
www.ti.com
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
6.3 Recommended Operating Conditions
Typical values stated where TA = 25ºC and VBAT = 20 V, Min/Max values stated where TA = –40˚C to 85ºC and VBAT = 7.2 V
to 30 V (unless otherwise noted)
MIN
NOM
MAX
UNIT
VBAT
Supply voltage
BAT
7.2
27
V
VCn–VC(n – 1)(1)
1
4.5
GPAI
0
2.5
GPIO
0
VREG50
CBn(1)
VC(n – 1)
VCn
TS1+, TS1–, TS2+, TS2–
0
VREG50/2
Non-top IC in stack: DRDY_N, SDO_N,
BAT + 1
VI
Input voltage
V
FAULT_N, ALERT_N
Top IC in stack: DRDY_N, SDO_N,
BAT
FAULT_N, ALERT_N
Non-bottom IC in stack: CONV_S, SDI_S,
–1
SCLK_S, CS_S
Bottom IC in stack: CONV_S, SDI_S,
VSS
SCLK_S, CS_S
Non-bottom IC in stack: DRDY_S, SDO_S,
1
FAULT_S, ALERT_S
Bottom IC in stack: DRDY_S, SDO_S,
VSS
FAULT_S, ALERT_S
VO
Output voltage
V
Non-top IC in stack: CONV_N, SDI_N,
BAT – 1
SCLK_N, CS_N
Top IC in stack: CONV_N, SDI_N, SCLK_N,
BAT
CS_N
CREG50
External capacitor
REG50 pin
2.2
µF
CVREF
External capacitor
VREF pin
9.2
10
15
µF
CLDO
External capacitor
LDOx pin
2.2
3.3
µF
TOPR
Operating temperature(2)
–40
85
°C
(1)
n = 1 to 6
(2)
Device specifications stated within this range.
6.4 Thermal Information
bq76PL536A
THERMAL METRIC(1)
PAP (HTQFP)
UNIT
64 PINS
RθJA
Junction-to-ambient thermal resistance
24.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
10
°C/W
RθJB
Junction-to-board thermal resistance
8.1
°C/W
ψJT
Junction-to-top characterization parameter
0.3
°C/W
ψJB
Junction-to-board characterization parameter
8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.4
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com