Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPR Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPR
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPR Datasheet(HTML) 59 Page - Texas Instruments

Back Button BQ76PL536APAPR Datasheet HTML 55Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 56Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 57Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 58Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 59Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 60Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 61Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 62Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 74 page
background image
T1
T2
CELL 6 +
CELL 5 +
CELL 4 +
CELL 3 +
CELL 2 +
CELL 1 +
CELL 1 -
"Bottom" part connects
all _S pins to 1-VSS.
**
T1
T2
CELL 6 +
CELL 5 +
CELL 4 +
CELL 3 +
CELL 2 +
CELL 1 +
**
**
**
**
**
**
**
**
**
**
**
THERMISTOR NTC 10K OHM 1% 0603
PANASONIC PART NUMBER # ERT-J1VG103FA
** - Locate these components
very close to bq76PL536 IC.
CAUTION
HIGH VOLTAGE
CAUTION
HIGH VOLTAGE
GROUND PLANE OF CIRCUIT 2
GROUND PLANE OF CIRCUIT 1
* - Typical value shown. Actual value depends on
number of IC's in stack, wiring, etc.
Consult applications guide for recommended values.
*
*
*
*
C26
CAP0805
2.2uf 10V
C24
CAP0805
2.2uf 10V
C39
CAP0805
2.2uf 10V
C23
CAP1206
10uf 10V
Q2
SOT-23
FDN359AN
R9
RES2512
47
R18
RES0603
1.0K 1%
1
VC6
2
CB6
3
VC5
4
CB5
5
VC4
6
CB4
7
VC3
8
CB3
9
VC2
10
CB2
11
VC1
12
CB1
13
VC0
15
AGND
16
VREF
17
LDOA
18
LDOD1
19
TS1-
20
TS1+
30
NC1
36
CONV_H
37
DRDY_H
38
ALERT_H
39
FAULT_H
40
SCLK_H
41
SDO_H
42
SDI_H
43
CS_H
45
GPIO
46
LDOD2
47
GPAI-
48
GPAI+
51
NC2
60
TS2-
61
TS2+
62
NC3
63
BAT1
64
BAT2
U1
bq76PL536
Q4
SOT-23
FDN359AN
R24
RES2512
47
R28
RES0603
1.0K 1%
Q6
SOT-23
FDN359AN
R38
RES2512
47
R40
RES0603
1.0K 1%
Q7
SOT-23
FDN359AN
R49
RES2512
47
R57
RES0603
1.0K 1%
Q8
SOT-23
FDN359AN
R69
RES2512
47
R75
RES0603
1.0K 1%
Q9
SOT-23
FDN359AN
R79
RES2512
47
R80
RES0603
1.0K 1%
Z11
5.1 VDC 500mW
SOD-123
Z9
5.1 VDC 500mW
SOD-123
Z7
5.1 VDC 500mW
SOD-123
Z5
5.1 VDC 500mW
SOD-123
Z3
5.1 VDC 500mW
SOD-123
Z1
5.1 VDC 500mW
SOD-123
C43
CAP0603
0.1uf 50V
R76
RES0603
1M 1%
R61
RES0603
1M 1%
R44
RES0603
1M 1%
R35
RES0603
1M 1%
R21
RES0603
1M 1%
R7
RES0603
1M 1%
R50
0R0
RES0603
R58
0R0
RES0603
C34
CAP0603
0.1uf 50V
C48
CAP0603
0.1uf 50V
C42
CAP0603
0.1uf 50V
C37
CAP0603
0.1uf 50V
C27
CAP0603
0.1uf 50V
C19
CAP0603
0.1uf 50V
C9
CAP0603
0.1uf 50V
R33
1.82K 1%
RES0603
R63
1.82K 1%
RES0603
R71
1.47K 1%
RES0603
R27
1.47K 1%
RES0603
C21
CAP0603
0.047uf 16V
C46
CAP0603
0.047uf 16V
R123
NTC0603
B=3435K
10K 1%
R124
NTC0603
B=3435K
10K 1%
Q5
2N7002LT1
SOT-23
R30
RES0603
100
R25
RES0603
2.7K
D1
LTW-C192TL2
White LED
R29
100K
RES0603
TP-VPROG1
R8
RES0603
1.0K 1%
R22
RES0603
1.0K 1%
R32
RES0603
1.0K 1%
R45
RES0603
1.0K 1%
R62
RES0603
1.0K 1%
R77
RES0603
1.0K 1%
C25
CAP0603
0.1uf 50V
Z12
5.1VDC
SOD-323
Z10
5.1VDC
SOD-323
Z8
5.1VDC
SOD-323
Z6
5.1VDC
SOD-323
Z4
5.1VDC
SOD-323
Z2
5.1VDC
SOD-323
C30
CAP0603
0.1uf 50V
C32
CAP0603
0.1uf 50V
C33
CAP0603
0.1uf 50V
C38
CAP0603
0.1uf 50V
C40
CAP0603
0.1uf 50V
C41
CAP0603
0.1uf 50V
TP-VSS1
C113
CAP0603
33pF 50V
C105
CAP0603
33pF 50V
C47
CAP0603
33pF 50V
C108
CAP0603
33pF 50V
C4
CAP0603
DNP
C6
CAP0603
DNP
C7
CAP0603
DNP
1-CELL1
[1]
1-CELL2
[1]
1-CELL3
[1]
1-CELL4
[1]
1-CELL5
[1]
1-CELL6
[1]
1-VSS
[1,2]
1-FAULT
[1]
1-ALERT
[1]
1-DRDY/TX
[1]
1-CONV/RX
[1]
1-SPI-MISO
[1]
1-SPI-MOSI
[1]
1-SPI-SCLK
[1]
1-SPI-SS
[1]
1-VSS
1-VSS
1-VSS
1-VSS
1-VSS
1-LDOA
1-LDOD
1-VSS
1-VSS
1-VSS
1-VBAT
[1]
1-VSS
1-VSS
1-VSS
1-VSS
1-VSS
1-VSS
1-VSS
S002
bq76PL536A
www.ti.com
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
Other Schematics (continued)
Figure 63. Schematic (Page 2 of 4)
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
59
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com