Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ76PL536APAPR Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPR
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPR Datasheet(HTML) 51 Page - Texas Instruments

Back Button BQ76PL536APAPR Datasheet HTML 47Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 48Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 49Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 50Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 51Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 52Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 53Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 54Page - Texas Instruments BQ76PL536APAPR Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 74 page
background image
bq76PL536A
www.ti.com
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
7.6.25 IO_CONFIG Register (0x41)
The IO_CONFIG sets the default configuration for miscellaneous I/O features of the device.
Figure 48. IO_CONFIG Register
7
6
5
4
3
2
1
0
CRCNOFLT
Reserved
CRC_DIS
Table 21. IO_CONFIG Register Field Descriptions
Bit
Field
Type
Reset
Description
7
CRCNOFLT
This bit enables and disables detected CRC errors asserting the
FAULT pin.
0 = CRC errors cause the FAULT[CRC] bit to be set and the
FAULT pin to assert. The FAULT[CRC] bit must be reset as
described in the text.
1 = CRC errors cause the FAULT[CRC] bit to be set and the
FAULT pin is not asserted. The FAULT[CRC] bit must be reset
as described in the text.
6-1
Reserved
0
CRC_DIS
This bit enables and disables the automatic generation of the
CRC for the SPI communication packet. The packet size is
determined by the host as part of the read request protocol. The
CRC is checked at the deassertion of the CS pin. TI
recommends that this bit be changed using the broadcast
address (0x3f) so that all devices in a battery stack use the
same protocol.
0 = A CRC is expected, and generated as the last byte of the
packet.
1 = A CRC is not used in communications.
7.6.26 CONFIG_COV Register (0x42)
The CONFIG_COV register determines cell overvoltage threshold voltage.
Figure 49. CONFIG_COV Register
7
6
5
4
3
2
1
0
DISABLE
Reserved
COV[5]
COV[4]
COV[3]
COV[2]
COV[1]
COV[0]
Table 22. CONFIG_COV Register Field Descriptions
Bit
Field
Type
Reset
Description
7
DISABLE
Disables the overvoltage function when set.
0 = Overvoltage function enabled
1 = Overvoltage function disabled
6
Reserved
5-0
COV[n]
Configuration bits with corresponding voltage threshold
0x00 = 2 V; each binary increment adds 50 mV until 0x3c = 5 V
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
51
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com